Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100LC-25 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SMP100LC-25
Description  TRISILTM FOR TELECOM EQUIPMENT PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100LC-25 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SMP100LC-25 Datasheet HTML 2Page - STMicroelectronics SMP100LC-25 Datasheet HTML 3Page - STMicroelectronics SMP100LC-25 Datasheet HTML 4Page - STMicroelectronics SMP100LC-25 Datasheet HTML 5Page - STMicroelectronics SMP100LC-25 Datasheet HTML 6Page - STMicroelectronics SMP100LC-25 Datasheet HTML 7Page - STMicroelectronics SMP100LC-25 Datasheet HTML 8Page - STMicroelectronics SMP100LC-25 Datasheet HTML 9Page - STMicroelectronics SMP100LC-25 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SMP100LC
6/10
Following figure shows the test method of the
board having Fuse and Trisil.
Following curve shows the turn on of the Trisil during
lightning surge.
These topologies, using SMP100LC from ST and
TCP1.25A from Cooper Bussmann, have been
functionally validated with a Trisil glued on the
PCB. Following example was performed with
SMP100LC-270 Trisil. For more information, see
Application Note AN2064.
Test conditions:
2/10µs + and -2.5 and 5kV 500A (10 pulses of each
polarity), Tamb = 25°C
Test result:
Fuse and Trisil OK after test in accordance with
GR1089 requirements
Following curve shows Trisil action while the fuse
remains operational.
In case of high current power cross test, the fuse acts
like a switch by opening the circuit.
Test conditions:
600V 3A 1.1s (first level), Tamb = 25°C
Test result:
Fuse and Trisil OK after test in accordance with
GR1089 requirements
Test conditions:
277V 25A (second level), Tamb = 25°C
Test result:
Fuse safety opened and Trisil OK after test in
accordance with GR1089 requirements
Surge
Generator
Device to be protected
V
Oscilloscope
I surge
Line side
Voltage probe
Current probe
Test board
I surge (100A/div)
V (50V/div)
I surge (2A/div)
V (100V/div)
I surge (10A/div)
V (100V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com