Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100LC-25 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SMP100LC-25
Description  TRISILTM FOR TELECOM EQUIPMENT PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100LC-25 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SMP100LC-25 Datasheet HTML 2Page - STMicroelectronics SMP100LC-25 Datasheet HTML 3Page - STMicroelectronics SMP100LC-25 Datasheet HTML 4Page - STMicroelectronics SMP100LC-25 Datasheet HTML 5Page - STMicroelectronics SMP100LC-25 Datasheet HTML 6Page - STMicroelectronics SMP100LC-25 Datasheet HTML 7Page - STMicroelectronics SMP100LC-25 Datasheet HTML 8Page - STMicroelectronics SMP100LC-25 Datasheet HTML 9Page - STMicroelectronics SMP100LC-25 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SMP100LC
8/10
Figure 13: Ordering Information Scheme
Figure 12: Test circuit 3 for dynamic IH parameter
TEST PROCEDURE
1/ Adjust the current level at the I value by short circuiting the AK of the D.U.T.
2/ Fire the D.U.T. with a surge current
H
➔ I= 10A, 10/1000µs.
3/ The D.U.T. will come back off-state within 50ms maximum.
PP
This is a GO-NOGO test which allows to confirm the holding current (I ) level in a
functional test circuit.
H
R
VBAT =-48 V
Surge generator
D.U.T
SMP
100
LC - xxx
Trisil Surface Mount
Repetitive Peak Pulse Current
Capacitance
Voltage
100 = 100A
LC = Low Capacitance
65 = 65V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com