Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7755-IS Datasheet(PDF) 16 Page - Fortune Semiconductor Corp.

Part # FS7755-IS
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755-IS Datasheet(HTML) 16 Page - Fortune Semiconductor Corp.

Back Button FS7755-IS Datasheet HTML 12Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 13Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 14Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 15Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 16Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 17Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 18Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 19Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 20Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
FS7755
Rev. 1.1
16/22
F1
Freq
2
I
V
×
0
CF
F2
DSP
Ins tantaneous Real Pow er Signal
( Fr eq Domain)
Time
Time
CF
F1
v( t)
i( t)
ω
ω
2
Fig12Real Power to Impulse Converter
As can be seen in Fig12, the frequency output CF is seen to vary over time, even under steady load
conditions. This frequency variation is primarily due to the cos(2ωt) component in the instantaneous real
power signal. The output frequency on CF can be up to 2048 times higher than the frequency on F1 and
F2. This higher output frequency is generated by accumulating the instantaneous real power signal over a
much shorter time while converting it to a frequency. This shorter accumulation period means less
averaging of the cos(2ωt) component. As a consequence, some of this instantaneous power signal passes
through the digital to frequency converter. This will not be a problem in the application. When CF is used
for calibration purposes, the frequency should be averaged by the impulse counter. This will remove any
ripple. If CF is measuring energy, e.g., in a microprocessor based application, the CF output should also
be averaged to calculate power. Because the outputs F1 and F2 operate at a much lower frequency, more
averaging of the instantaneous real power signal is carried out. The result is a greatly attenuated
sinusoidal content and a virtually ripple-free frequency output.
7
Interfacing the FS7755 to a Micro- Controller for Energy Measurement
The easiest way to interface the FS7755 to a micro-Controller is to use the CF high frequency output with
the output frequency scaling set to 2048×F1, F2. This is done by setting SCF = 0 and S0 = S1 = 1 (see
Table Ⅳ). With full-scale AC signals on the analog inputs, the output frequency on CF will be
approximately 5.57 kHz. Fig13 illustrates one scheme that could be used to digitize the output frequency
and carry out the necessary averaging mentioned in the previous section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com