Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7755-IS Datasheet(PDF) 20 Page - Fortune Semiconductor Corp.

Part # FS7755-IS
Description  Energy Metering IC with Impulse Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS7755-IS Datasheet(HTML) 20 Page - Fortune Semiconductor Corp.

Back Button FS7755-IS Datasheet HTML 14Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 15Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 16Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 17Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 18Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 19Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 20Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 21Page - Fortune Semiconductor Corp. FS7755-IS Datasheet HTML 22Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
FS7755
Rev. 1.1
20/22
The F1–4 frequencies allow complete coverage of this range of output frequencies on F1 and F2. When
designing an energy meter, the nominal design voltage on Channel 2 (voltage) should be set to half scale
to allow for calibration of the meter constant. The current channel should also be no more than half scale
when the meter sees maximum load. This will allow over current signals and signals with high crest factors
to be accommodated. Table Ⅵ shows the output frequency on F1 and F2 when both analog inputs are half
scale. The frequencies listed in Table Ⅵ align very well with those listed in TableⅤ for maximum load.
S1 S0
F1-4
(Hz)
Frequency on F1 and F2 (Hz)
(Ch1 and Ch2 Half Scale AC Inputs)
0
0
1.7
0.085
0
1
3.4
0.17
1
0
6.8
0.34
1
1 13.6
0.68
Table Ⅵ F1 and F2 Frequency with Half Scale AC Inputs
When selecting a suitable F1–4 frequency for a meter design, the frequency output at IMax (maximum load)
with a meter constant of 100imp/kWhr should be compared with Column 4 of Table Ⅵ. The frequency that is
closest in Table Ⅵ will determine the best choice of frequency (F1–4). For example, if a meter with a
maximum current of 25A is being designed, the output frequency on F1 and F2 with a meter constant of
100imp/kWhr is 0.153Hz at 25A and 220V (from Table Ⅴ). Looking at Table Ⅵ, the closest frequency to
0.153Hz in column four is 0.17Hz. Therefore, F2 (3.4Hz—see Table II) is selected for this design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com