Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8844 Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS8844
Description  250 mA Low Quiescent Current LDO Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8844 Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS8844 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FS8844
Rev. 1.8
3/10
1.
General Description
The FS8844 series is a positive voltage regulator
with high accuracy output voltage and ultra-low
quiescent current which is typically 2.0μA. The
device is ideal for handheld communication
equipments and battery powered applications which
require low quiescent current.
The FS8844 contains a bandgap reference voltage
source, an error amplifier, a P-channel pass
transistor, a resistor-divider for setting output voltage,
a current limiter, and temperature limit protection
circuits. The high-accuracy output voltage is preset
at an internally trimmed voltage 1.8V, 2.8V or 3.3V.
Other output voltages can be mask-optioned from
1.2V to 5.0V with 100mV increment.
The FS8844 has been designed to be used with low
cost ceramic capacitors and requires a minimum
output capacitor of 1.0μF. The devices are available
in SOT-23 packages.
2.
Applications
DSC
PDA
MP3 player
Digital Video Recorder
Battery Powered Instrument
Portable Commu
3.
Features
2.0µA Quiescent Current (Typ.)
High accuracy of output voltage
±
2.0% : VOUT≧2.1 V
±
2.4% : VOUT≦2.0 V
Low Dropout: 550 mV @ IOUT=250mA (MIN.)
250 mA Output
Thermal Overload Shutdown Protection
Output Short Circuit Protection
Stable Operation with Virtually Any Output
Capacitor Type
SOT-23 Packages
4.
Ordering Information
FS8844-xx x x
Package
Pin Out
C : SOT-23
1.GND 2.OUT 3.IN
G : G stands for Green-Package
Output Voltage
18 : 1.8V
28 : 2.8V
30 : 3.0V :
33 : 3.3V
Note : Mask option output types are
available by order only.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com