Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8844 Datasheet(PDF) 10 Page - Fortune Semiconductor Corp.

Part # FS8844
Description  250 mA Low Quiescent Current LDO Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8844 Datasheet(HTML) 10 Page - Fortune Semiconductor Corp.

Back Button FS8844 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8844 Datasheet HTML 10Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
FS8844
Rev. 1.8
10/10
14. Package Outline
SOT-23
15. Revision History
Ver.
Date
Page
Description
1.0
2005/12/22
4 ~ 6
Typical Operating Characteristics
1.1
2006/02/10
2~9
Pin Configurations, Rev. no from page 2 to 9
1.2
2006/03/10
1,4
Electrical Characteristics
1.3
2006/05/11
1,7
Add 1.2V, 1.28V option
1.4
2006/09/27
All
Revise datasheet format
1.5
2009/12/30
3
Update package type G stands for Green-Package
Update Output Voltage 18:1.8V、29:2.9V、30:3.0V、33:3.3V
1.6
2010/03/04
6
Revise Dropout Iout=100mA Typ:280mV Max:350mV
Revise Dropout Iout=250mA Typ:700mV Max:850mV
1.7
2011/01/31
3
Add Output 3.0V option
1.8
2014/05/22
2
Revised company address



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com