Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8853 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS8853
Description  300 mA LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8853 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS8853 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
FS8853
Rev. 2.7
4/15
5. Pin Configurations
6. Package Marking Information
SOT-23
SOT-89
EX:FS8853-33GC
Top Point:Lot No.
Bottom Point:Year
w : week, A~Z & A ~ Z
EX:FS8853-33GL
xxxx:Date Code
FS8853
xxxxxxxx
1
2
3
SOT-89
Part No. Pin 1 Pin 2 Pin 3
FS8853
-xxGL
GND
IN
OUT
FS8853
-xxGI
OUT GND
IN
FS8853
33GLxxxx
. . . . .
333C
. . . W
Part No. Pin 1 Pin 2 Pin 3
FS8853
-xxGC
GND OUT
IN
SOT-23
3
. . . . .
3xxG W
. . . .
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com