Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8853 Datasheet(PDF) 15 Page - Fortune Semiconductor Corp.

Part # FS8853
Description  300 mA LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8853 Datasheet(HTML) 15 Page - Fortune Semiconductor Corp.

Back Button FS8853 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 15Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
FS8853
Rev. 2.7
15/15
Version
Date
Page
Description
1.5
2004/05/11
5
Electrical Characteristics: Change thermal shutdown temperature
from 170°C to 155°C.
1.5
2004/05/11
5
Electrical Characteristics: Change thermal resistance of SOT-89 from
150 to 180. Change thermal resistance of TO-92 from 220 to 180.
1.5
2004/05/11
10
Operating Region and Power Dissipation: Change the result of power
dissipation calculation example for SOT-89. The calculated value is
based on new thermal resistance and recommended operating
temperature range.
1.6
2004/10/12
2
Package Marking Information: Change SOT-23 marking information.
Change Pb/P free package marking from “4
th digit with under line” to
“a dot after marking”.
2.0
2005/05/10
All
Update header/footer with new format.
2.0
2005/05/10
1
General Description: Update output voltages from “1.3V~4.5V” to
“1.5V~5.0V”.
2.0
2005/05/10
1
Features: Update output voltages from “1.3V~4.5V” to “1.5V~5.0V”.
Add “Quiescent current 30μA at 5V input.”
2.0
2005/05/10
1
Ordering Information: Delete V,D,F,W,K,Y pin-out types. Update
output voltages from “1.3V~4.5V” to “1.5V~5.0V”.
2.0
2005/05/10
2
Pin Configurations: Delete V,D,F,W,K,Y pin-out types.
2.0
2005/05/10
3
Pin description: Delete V,D,F,W,K,Y pin-out types. Move pin
descriptions into table.
2.0
2005/05/10
3
Typical Application Circuit: Update pin-out and connection diagram.
2.0
2005/05/10
5
Electrical Characteristics:
Change the short-circuit current spec. from “Typ 140mA Max 160mA”
to “Typ 300mA Max 350mA”.
Change the ground pin current spec. form “Typ 65μA Max 120μA” to
“Typ 30uA Max 50μA”.
Change the test condition for previous two spec. to Vin=5.0V.
Change PSRR spec. form “75dB @ 10KHz” to “70dB @ 1KHz”
Change thermal shutdown hysteresis spec. from 20 to 10.
2.0
2005/05/20
6~8
Typical Operating Characteristics: Update all graphs.
2.0
2005/05/10
9
Detail Description: Update output voltages from “1.3V~4.5V” to
“1.5V~5.0V”. Update quiescent current form “65μA” to “30μA”.
2.1
2006/09/27
All
Revise datasheet format
2.2
2009/08/05
3
Ordering Information:
Update package C、L、I
Update package type G stands for Green-Package
Update Output Voltage 18:1.8V、29:2.9V、30:3.0V、33:3.3V
2.3
2009/12/09
7~8
Vin Absolute Max. Rating:9V
Vin Operating Range:2.5~7V
2.4
2010/05/18
3
Add Output 3.0V
2.5
2010/07/28
3
Add Output 1.5V, 2.5V
2.6
2010/10/20
3
Add Output 1.5V
2.7
2014/05/22
2
Revised company address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com