Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8860 Datasheet(PDF) 11 Page - Fortune Semiconductor Corp.

Part # FS8860
Description  1.0A Adjustable & Fixed Voltage LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8860 Datasheet(HTML) 11 Page - Fortune Semiconductor Corp.

Back Button FS8860 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 15Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
FS8860
Rev. 2.2
11/15
12. Detail Description
The FS8860 is a low-dropout linear regulator. The device provides preset 1.8V and 3.3V output voltages for
output current up to 1.0A. Adjustable output voltage and other mask options for special output voltages are also
available. As illustrated in function block diagram, it consists of a 1.25V bandgap reference, an error amplifier, a
P-channel pass transistor and an internal feedback voltage divider (fixed voltage types).
The 1.25V bandgap reference is connected to the error amplifier, which compares this reference with the
feedback voltage and amplifies the voltage difference. If the feedback voltage is lower than the reference
voltage, the pass-transistor gate is pulled lower, which allows more current to pass to the output pin and
increases the output voltage. If the feedback voltage is too high, the pass-transistor gate is pulled up to
decrease the output voltage.
The output voltage is feed back through an internal resistive divider (or external resistive divider for adjustable
output voltage type) connected to OUT pin. Additional blocks include an output current limiter, thermal sensor,
and shutdown logic.
Internal P-channel Pass Transistor
The FS8860 features a P-channel MOSFET pass transistor. Unlike similar designs using PNP pass transistors,
P-channel MOSFETs require no base drive, which reduces ground pin current. PNP-based regulators also
waste considerable current in dropout when the pass transistor saturates, and use high base-drive currents
under large loads. The FS8860 does not suffer from these problems and consumes only 65μA (Typ.) of ground
pin current under heavy loads as well as in dropout conditions.
Output Voltage Selection
For fixed voltage type of FS8860, the output voltage is preset at an internally trimmed voltage. The first two
digits of part number suffix identify the output voltage (see Ordering Information). For example, the
FS8860-33CJ has a preset 3.3V output voltage.
For adjustable voltage type of FS8860, the output voltage is set by comparing the feedback voltage at adjust
terminal to the internal bandgap reference voltage. The reference voltage VREF is 1.25V. The output voltage
is given by the equation:
VOUT=VREF*(1+R2/R1)+IADJ*R2
(see Typical Application Schematic)
Current Limit
The FS8860 also includes a fold back current limiter. It monitors and controls the pass transistor’s gate voltage,
estimates the output current, and limits the output current within 1.3A.
Thermal Overload Protection
Thermal overload protection limits total power dissipation in the FS8860. When the junction temperature
exceeds TJ = +155°C, a thermal sensor turns off the pass transistor, allowing the IC to cool down. The thermal
sensor turns the pass transistor on again after the junction temperature cools down by 20°C, resulting in a
pulsed output during continuous thermal overload conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com