Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8860 Datasheet(PDF) 15 Page - Fortune Semiconductor Corp.

Part # FS8860
Description  1.0A Adjustable & Fixed Voltage LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8860 Datasheet(HTML) 15 Page - Fortune Semiconductor Corp.

Back Button FS8860 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS8860 Datasheet HTML 15Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
FS8860
Rev. 2.2
15/15
Version
Date
Page
Description
1.6
2004/03/16
3
Change Function Block Diagrams to Functional Block Diagrams.
1.6
2004/03/16
3
Absolute Maximum Ratings : Cancel TO-263/ TO-220 packages.
Remove Operating ambient temperature range.
1.6
2004/03/16
4
Electrical Characteristics : Add Symbol column.
1.6
2004/03/16
5
Typical
Operating
Characteristics
:
Change
all
labels
"TEMPERATURE" to "AMBIENT TEMPERATURE". Current header
"Ron vs. LOAD CURRENT"
1.6
2004/03/16
8/9
Detail Description : Correct wording.
1.6
2004/03/16
10
Change Package Information to Package Outline
1.6
2004/03/16
10/11
Package Outline : Cancel TO-263/TO-220 packages. Update
SOT-223/TO-252 package diagrams.
1.6
2004/03/16
All
Update page header and footer to standard format. Update page
layout and style to standard format.
1.7
2004/05/11
1
Ordering Information: Add Pb/P free package option
1.7
2004/05/11
2
Package Marking Information: Add Pb/P free package marking
information
1.7
2004/05/11
3
Absolute Maximum Rating: Change continuous power dissipation to
“Internally Limited”. Add maximum junction temperature +155°C.
1.7
2004/05/11
4
Electrical Characteristics: Change thermal shutdown temperature
from 170°C to 155°C.
1.7
2004/05/11
4
Electrical Characteristics: Change thermal resistance of SOT-223
from 80 to 155 under no heat-sink condition. Change thermal
resistance of TO-252 from 70 to 90.
1.7
2004/05/11
9
Operating Region and Power Dissipation: Change the result of power
dissipation calculation example for SOT-223. The calculated value is
based on new thermal resistance and recommended operating
temperature range.
1.8
2006/08/04
1/2/5/6
Change FSC’s LOGO.
Add input/output capacitor option.
Change PSRR test condition F=1kHZ.
Change PSRR electrical diagram.
1.9
2009/08/05
3
Ordering Information:
Update package C、L、I
Update package type G stands for Green-Package
Update Output Voltage 18:1.8V、29:2.9V、30:3.0V、33:3.3V
2.0
2010/10/20
3
Add Output 1.5V, 2.8V
2.1
2011/01/31
3
Add Output 2.5V, 3.6V
2.2
2014/05/22
2
Revised company address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com