Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8853-28GL Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS8853-28GL
Description  300 mA LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8853-28GL Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS8853-28GL Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
FS8853
Rev. 2.7
7/15
11. Electrical Characteristics
(TA=25℃, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
2.5
7.0
V
VOUT
Output Voltage
VIN=VOUT+0.48V, IOUT=1mA, VIN≦
7V
VOUT-
2.0%
VOUT
VOUT
+2.0%
V
IMAX
Maximum Load
Current
300
mA
ILIMIT
Current Limit
0.6
A
ISC
Short-Circuit
Current
VOUT=0V, VIN=5.0V
300
350
mA
IQ
Ground Pin Current IOUT=0mA to 300mA, VIN=5.0V
30
50
µA
VDROP Dropout Voltage
IOUT=1mA
1.1
1.3
mV
IOUT=100mA
120
145
mV
IOUT=300mA
400
480
mV
∆VLINE
Line Regulation
VOUT+0.48V<VIN<9V, IOUT=1mA
0.2
0.3
%/V
∆VLOAD Load Regulation
IOUT=0mA to 300mA
0.01
0.02
%/mA
eN
Output Noise
F=1Hz to 10KHz, COUT=3.3µF,
IOUT=0mA
70
µVR
MS
PSRR
Ripple Rejection
F=1KHz, COUT=3.3µF
70
dB
TSD
Thermal Shutdown
Temperature
155
°C
THYS
Thermal Shutdown
Hysteresis
10
°C
θJA
Thermal
Resistance
SOT-23
320
°C/W
SOT-89
180
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com