Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8853-28GL Datasheet(PDF) 11 Page - Fortune Semiconductor Corp.

Part # FS8853-28GL
Description  300 mA LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8853-28GL Datasheet(HTML) 11 Page - Fortune Semiconductor Corp.

Back Button FS8853-28GL Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 13Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 14Page - Fortune Semiconductor Corp. FS8853-28GL Datasheet HTML 15Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
FS8853
Rev. 2.7
11/15
13. Detail Description
The FS8853 is a low-dropout linear regulator. The
device provides preset 1.8V and 3.3V output
voltages for output current up to 300mA. Other mask
options for special output voltages from 1.5V to 5.0V
with 100mV increment are also available. As
illustrated in function block diagram, it consists of a
1.25V reference, error amplifier, P-channel pass
transistor and an internal feedback voltage divider.
The 1.25V bandgap reference is connected to the
error amplifier, which compares this reference with
the feedback voltage and amplifies the voltage
difference. If the feedback voltage is lower than the
reference voltage, the pass-transistor gate is pulled
lower, which allows more current to pass to the
output pin and increases the output voltage. If the
feedback voltage is too high, the pass-transistor gate
is pulled up to decrease the output voltage.
The output voltage is feedback through an internal
resistive divider connected to OUT pin. Additional
blocks include an output current limiter, thermal
sensor, and shutdown logic.
Internal P-channel Pass Transistor
The FS8853 features a P-channel MOSFET pass
transistor. Unlike similar designs using PNP pass
transistors, P-channel MOSFETs require no base
drive, which reduces ground pin current. PNP-based
regulators also waste considerable current in
dropout when the pass transistor saturates, and use
high base-drive currents under large loads. The
FS8853 does not suffer from these problems and
consumes only 30μA (Typ.) of ground pin current
under heavy loads as well as in dropout conditions.
Output Voltage Selection
The FS8853 output voltage is preset at an internally
trimmed voltage 1.8V, 3.3V or can be mask-optioned
from 1.5V to 5.0V with 100mV increment. The first
two digits of part number suffix identify the output
voltage (see Ordering Information). For example, the
FS8853-33CL has a preset 3.3V output voltage.
Current Limit
The FS8853 also include a fold back current limiter.
It monitors and controls the pass transistor’s gate
voltage, estimates the output current, and limits the
output current within 0.6A.
Thermal Overload Protection
Thermal overload protection limits total power
dissipation in the FS8853. When the junction
temperature exceeds TJ = +155°C, a thermal sensor
turns off the pass transistor, allowing the IC to cool
down. The thermal sensor turns the pass transistor
on again after the junction temperature cools down
by 20°C, resulting in a pulsed output during
continuous thermal overload conditions.
Thermal overload protection is designed to protect
the FS8853 in the event of fault conditions. For
continuous operation, the maximum operating
junction temperature rating of TJ = +125°C should
not be exceeded.
Operating Region and Power Dissipation
Maximum power dissipation of the FS8853 depends
on the thermal resistance of the case and circuit
board, the temperature difference between the die
junction and ambient air, and the rate of airflow. The
power dissipation across the devices is P = IOUT x
(VIN-VOUT).
The
resulting
maximum
power
dissipation is:
(
) ()
JA
A
J
CA
JC
A
J
MAX
T
T
T
T
P
θ
θ
θ
−
=
+
−
=
Where (TJ-TA) is the temperature difference
between
the
FS8853
die
junction
and
the
surrounding air, θJC is the thermal resistance of the
package chosen, and θCA is the thermal resistance
through the printed circuit board, copper traces and
other materials to the surrounding air. For better
heat-sinking, the copper area should be equally
shared between the IN, OUT, and GND pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com