Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9168-015 Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS9168-015
Description  FS9168 standard code for digital clinical thermometer application
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9168-015 Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS9168-015 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
36600
3158
31666
80
31670
4
0.01%
36700
3149
31756
90
31753
-3
-0.01%
36800
3141
31837
81
31835
-2
-0.01%
36900
3133
31918
81
31918
0
0%
Calculate the linearity error of resistance count readings in temperature range 32℃~37℃
Linearity Slope Points: Start 26300Ω; End 30800Ω
Reference Resistance RF = 30974Ω
Count = (Count(RS) / Count(RF) ) * 3700
Actual Linearity = 10000000/Count
Slope δ = (26976 ﹣
23159) ÷ (30900 ﹣26300)
Ideal Linearity Value = 23159 + δ×【(RS(N)-RS(N-1))】
Linearity Error = Ideal Linearity Value - Actual Linearity
Error Percentage = (Linearity Error ÷ Ideal Linearity Value) × 100﹪
Power Source: BATTERY
Measured
Resistance Value
RS
Count
Actual Linearity
Ideal Linearity
Value
Linearity
Error
Error Percentage
26300
4318
23159
23159
26400
4302
23245
23242
-3
-0.01%
26500
4288
23321
23325
4
0.02%
26600
4272
23408
23408
0
0%
26700
4257
23491
23491
0
0%
26800
4242
23574
23574
0
0%
26900
4227
23657
23657
0
0%
27000
4213
23736
23740
4
0.02%
27100
4198
23821
23823
2
0.01%
27200
4184
23901
23906
5
0.02%
27300
4169
23987
23989
2
0.01%
27400
4154
24073
24072
-1
0%
27500
4140
24155
24155
0
0%
27600
4126
24237
24238
1
0%
27700
4112
24319
24321
2
0.01%
27800
4098
24402
24404
2
0.01%
27900
4084
24486
24487
1
0%
28000
4070
24570
24570
0
0%
28100
4056
24655
24653
-2
-0.01%
28200
4043
24734
24736
2
0.01%
28300
4029
24820
24819
-1
0%
28400
4016
24900
24902
2
0.01%
28500
4002
24988
24985
-3
-0.01%
28600
3989
25069
25068
-1
0%
28700
3976
25151
25150
-1
0%
28800
3963
25233
25233
0
0%
28900
3950
25316
25316
0
0%
29000
3937
25400
25399
-1
0%
29100
3924
25484
25482
-2
-0.01%
29200
3912
25562
25565
3
0.01%
29300
3899
25648
25648
0
0%
29400
3887
25727
25731
4
0.02%
29500
3875
25806
25814
8
0.03%
29600
3862
25893
25897
4
0.02%
29700
3850
25974
25980
6
0.02%
29800
3837
26062
26063
1
0%
29900
3825
26144
26146
2
0.01%
30000
3813
26226
26229
3
0.01%
30100
3801
26309
26312
3
0.01%
30200
3789
26392
26395
3
0.01%
30300
3778
26469
26478
9
0.03%
30400
3766
26553
26561
8
0.03%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com