Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9168-015 Datasheet(PDF) 14 Page - Fortune Semiconductor Corp.

Part # FS9168-015
Description  FS9168 standard code for digital clinical thermometer application
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9168-015 Datasheet(HTML) 14 Page - Fortune Semiconductor Corp.

Back Button FS9168-015 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9168-015 Datasheet HTML 18Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
30500
3753
26645
26644
-1
0%
30600
3742
26724
26727
3
0.01%
30700
3731
26802
26810
8
0.03%
30800
3719
26889
26893
4
0.01%
Calculate the linearity error of resistance count readings in temperature range 37℃~43℃
Linearity Slope Points: Start 30900Ω; End 36900Ω
Resistance Reference RF = 30974Ω
Count = (Count(RS) / Count(RF) ) * 3700
Actual Linearity = 10000000/Count
Slope δ = (31918 -
23159) ÷ (36900 ﹣30900)
Ideal Linearity Value = 23159 + δ×【(RS(N)-RS(N-1))】
Linearity Error = Ideal Linearity Value - Actual Linearity
Error Percentage = (Linearity Error ÷ Ideal Linearity Value) × 100﹪
Power Source: BATTERY
Measured
Resistance Value
RS
Count
Actual Linearity
Ideal Linearity
Value
Linearity
Error
Error Percentage
30900
3707
26976
26976
0
0%
31000
3696
27056
27058
2
0.01%
31100
3685
27137
27141
4
0.01%
31200
3674
27218
27223
5
0.02%
31300
3663
27300
27305
5
0.02%
31400
3651
27390
27388
-2
-0.01%
31500
3641
27465
27470
5
0.02%
31600
3630
27548
27553
5
0.02%
31700
3619
27632
27635
3
0.01%
31800
3608
27716
27717
1
0%
31900
3597
27801
27800
-1
0%
32000
3587
27878
27882
4
0.01%
32100
3576
27964
27964
0
0%
32200
3565
28050
28047
-3
-0.01%
32300
3555
28129
28129
0
0%
32400
3544
28217
28212
-5
-0.02%
32500
3534
28297
28294
-3
-0.01%
32600
3524
28377
28376
-1
0%
32700
3513
28466
28459
-7
-0.02%
32800
3503
28547
28541
-6
-0.02%
32900
3493
28629
28623
-6
-0.02%
33000
3484
28703
28706
3
0.01%
33100
3474
28785
28788
3
0.01%
33200
3463
28877
28870
-7
-0.02%
33300
3454
28952
28953
1
0%
33400
3443
29044
29035
-9
-0.03%
33500
3434
29121
29118
-3
-0.01%
33600
3426
29189
29200
11
0.04%
33700
3416
29274
29282
8
0.03%
33800
3406
29360
29365
5
0.02%
33900
3397
29438
29447
9
0.03%
34000
3387
29525
29529
4
0.01%
34100
3377
29612
29612
0
0%
34200
3367
29700
29694
-6
-0.02%
34300
3358
29780
29776
-4
-0.01%
34400
3348
29869
29859
-10
-0.03%
34500
3340
29940
29941
1
0%
34600
3331
30021
30024
3
0.01%
34700
3322
30102
30106
4
0.01%
34800
3312
30193
30188
-5
-0.02%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com