Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3-PCE Datasheet(PDF) 39 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3-PCE
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3-PCE Datasheet(HTML) 39 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3-PCE Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 35Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 36Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 37Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 38Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 39Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
FS9721_LP3
Rev. 2.1
39/39
19. Revision History
Ver.
Date
Page
Description
1.5
2004/04/09
3-4, 32
1.
Change file name format from
“FS9721_LP3
Data
Sheet_V1.4.doc”
to
“FS9721_LP3_DataSheet_V15.doc”.
2.
Change page top and bottom space format.
3.
Add numbers on Features and Application Field on page 3 and 4.
4.
Add CR-004 on the bottom page space.
5.
Add ordering information.
1.6
2004/11/18
8
1.
Revise the Diagram 3 78PIN Dice.
33
2.
Add revision history on the last page of the data sheet.
1.7
2005/07/11
8
1.
Diagram 3 78PIN Dice in Ver. 1.6 is not correct. Revise it to the right
one.
32
1.
Revise ordering information. Add Pb-free package part number.
1.8
2005/08/09
4
1.
Delete 5.120nF Capacitance measurement mode.
2.
Correct Frequency measurement mode 5000 counts for 5120counts.
10
1.
In the “9.Technical specification”, correct Capacitance measurement
mode 4000 counts for 5120counts, and delete 5.120nF measurement
mode.
12,30
1.
In the 10.3, LCDC1 and LCDC2=10 display COM2 and SEG14 (hFE).
LCDC1 and LCDC2=01 display COM3 and SEG14(
).
℃
19
1.
Delete diagram 11 “4.5V power supply “and diagram 12 “6.0V power
supply”,and modify serial number after them.
26
1. In the 15.17 Capacitance measurement,delete the segment“in actual
application……”.
1.9
2006/03/23
30-32
1.
In the 17.2.7, 17.2.13 and 17.2.14, correct MEAS=1111 AC/DC
voltage for DC/AC voltage .Correct MEAS=1011 DCmA mode for DCmV
mode.
1.9
2006/03/23
15-16
The Diagram 6 and Diagram 7,change the resistance R4 from
174K to 82K, the resistance R10 from 500K to 100K and the resistance
R31 from 10K to 1K.
18
The Diagram 8
Power Circuit, change the resistance R4 from 174K to
82K.
2.0
2008/10/31
1
The title shows wrong product name.
It has correct from FS 9721_LP1 to FS 9721_LP3.
2.1
2014/05/22
2
Revised company address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com