Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9721_LP3-PCE Datasheet(PDF) 20 Page - Fortune Semiconductor Corp.

Part # FS9721_LP3-PCE
Description  4,000 counts auto range DMM IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721_LP3-PCE Datasheet(HTML) 20 Page - Fortune Semiconductor Corp.

Back Button FS9721_LP3-PCE Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9721_LP3-PCE Datasheet HTML 24Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
FS9721_LP3
Rev. 2.1
20/39
2*VDD
3.9V
1.2V
0.4V
1.5V
1.5V
VGG
VDDA
REFO
REFI
VDD
AGND
VSS
FS9721_LP3
RLCD
3V
Diagram 9
Relative Voltage for Each Point
VB is the IC internal bias current input. The increase of R4 will decrease IC internal current consumption, but
insufficient bias current will influence AC measurement input range.
AGND is the analog ground connection. Its potential is equal to the middle point of battery voltage. The
potential of the point is generated by IC internal voltage that cannot connect to the middle point of battery.
C4 and C5 are the bypass capacitances in one hand, and in the other hand to make AGND be regulated to
VDD and VSS. C2 is power pump capacitance. IC makes VDD go through C2 to charge/discharge so as to raise
VGG up to approximate double.
VDDA is the output voltage after regulating VGG in the IC that is about 3.9V relative to VSS.
REFO is the IC internal bandgap power that is about 1.2V relative to AGND, and has the stability of
100ppm/
.
℃
15.3
Power Supply Circuit
According to different application of users, the supply methods are different. In some measurements, all
operating amplifier, Hale components and so on sensors require larger voltage so that it is difficult to supply by
3V. If so, the following supply methods are recommended:
10uF
10uF
3V
VDD
AGND
VSS
FS9721_LP3
Diagram 10
3V Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com