Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6302 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IRLML6302
Description  Isc P-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRLML6302 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IRLML6302 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRLML6302 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
Isc P-Channel MOSFET Transistor
IRLML6302
·
FEATURES
·
With SOT-23 package
·
Low input capacitance and gate charge
·
Low gate input resistance
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
APPLICATIONS
·
Switching applications
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
-20
V
VGSS
Gate-Source Voltage
±
12
V
ID
Drain Current-ContinuousTc=25℃
Tc=70℃
-0.78
-0.26
A
IDM
Drain Current-Single Pulsed
-4.9
A
PD
Total Dissipation @TC=25℃
540
mW
Tch
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(ch-a) Channel-to-ambient thermal resistance
230
℃
/W


Similar Part No. - IRLML6302

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6302 IRF-IRLML6302 Datasheet
81Kb / 8P
HEXFET Power MOSFET
IRLML6302 IRF-IRLML6302 Datasheet
256Kb / 8P
HEXFET Power MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML6302 HOTTECH-IRLML6302 Datasheet
558Kb / 4P
P-Channel MOSFET
logo
Guangdong Youtai Semico...
IRLML6302 UMW-IRLML6302 Datasheet
464Kb / 6P
Switching
logo
EVER SEMICONDUCTOR CO.,...
IRLML6302 EVVOSEMI-IRLML6302 Datasheet
401Kb / 6P
MOSFET
Rev:2023A2
More results

Similar Description - IRLML6302

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com