Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP1561NA Datasheet(PDF) 1 Page - 3PEAK INC.

Part # TP1561NA
Description  Stable 6MHz, 500關A, RRIO, Precision, Op Amps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP1561NA Datasheet(HTML) 1 Page - 3PEAK INC.

  TP1561NA Datasheet HTML 1Page - 3PEAK INC. TP1561NA Datasheet HTML 2Page - 3PEAK INC. TP1561NA Datasheet HTML 3Page - 3PEAK INC. TP1561NA Datasheet HTML 4Page - 3PEAK INC. TP1561NA Datasheet HTML 5Page - 3PEAK INC. TP1561NA Datasheet HTML 6Page - 3PEAK INC. TP1561NA Datasheet HTML 7Page - 3PEAK INC. TP1561NA Datasheet HTML 8Page - 3PEAK INC. TP1561NA Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
3PEAK
1
TP1561A/ TP1561NA/TP1562A/TP1564A
Stable 6MHz, 500μA, RRIO, Precision, Op Amps
www.3peakic.com.cn
Rev. B.03
Features
Stable 6 MHz GBWP in VCM from 0V to VS
Excellent EMI Suppress Performance
Offset Voltage: ±400 μV Maximum
Offset Voltage Temperature Drift: 1 μV/°C
Input Bias Current: 1 pA Typical
THD+Noise: -115 dB at 1kHz, -99 dB at 10kHz
High CMRR/PSRR: 110/95 dB
Beyond the Rails Input Common-Mode Range
Outputs Swing to within 3 mV of Each Rail
No Phase Reversal for Overdriven Inputs
High Output Capability: 100mA
Shutdown Current: 0.2 μA (TP1561NA)
Supply Voltage Range:
-
Single +2.1 V to +6.0 V Supply
-
Or Dual ±1.05 V to ±3.0 V Supplies
–40°C to 125°C Operation Temperature Range
ESD Rating: 8KV – HBM, 2KV–CDM and 500V–MM
Green, Popular Type Package
Applications
Multimedia Audio
Headphone Drivers
LCD Drivers
Photo Diode Pre-amp
Medical Equipments
Portable Devices
ASIC Input or Output
Sensor Interfaces
Description
The TP156xA series are CMOS single, dual, and
quad RRIO op-amps with low offset, low power and
stable high frequency response. They incorporate
3PEAK‟s
proprietary
and
patented
design
techniques to achieve very good AC performance
with 6MHz bandwidth, 4.5V/μs slew rate and low
distortion while drawing only 500μA of quiescent
current per amplifier. The input common-mode
voltage range extends 300mV beyond V– and V+,
and the outputs swing rail-to-rail. The TP156xA
family can be used as plug-in replacements for
many commercially available op-amps to reduce
power
and
improve
input/output
range
and
performance.
The TP156xA Op-amps are unity gain stable with
any capacitive load. They operate from either single
+2.1V to +6.0V supply or dual ±1.05V to ±3.0V
supplies. Analog trim and calibration routine reduce
input offset voltage to below 400μV, and proprietary
precision temperature compensation technique
makes offset voltage temperature drift at 1μV/°C.
Adaptive biasing and dynamic compensation
enables the TP156xA to achieve „THD +Noise‟ for
1kHz/10kHz 2VPP signal at -115dB/ -99dB. Beyond
the rails input and rail-to-rail output characteristics
allow the full power-supply voltage to be used for
signal range.
The combination of features makes the TP156xA
ideal choices for audio amplification of computers,
sound ports, and other consumer Audio. The
TP156xA Op-amp is very stable, and it is capable of
driving heavy capacitive loads such as those found
in LCDs. The ability to swing rail-to-rail at the inputs
and outputs enables designers to buffer CMOS
DACs, ASICs, or other wide output swing devices in
single-supply systems.
3PEAK and the 3PEAK logo are registered trademarks of
3PEAK INCORPORATED. All other trademarks are the property
of their respective owners.
Pin Configuration (Top View)
TP1561A
5-Pin SOT23/SC70
-T and -C Suffixes
4
5
3
2
1
Out
+In
-In
﹣
Vs
﹢
Vs
TP1562A
8-Pin SOIC/TSSOP/MSOP
-S, -T and -V Suffixes
8
6
5
7
3
2
1
4
Out A
﹢
In A
﹣
In A
﹢
In B
﹣
In B
Out B
A
B
﹣
Vs
﹢
Vs
TP1564A
14-Pin SOIC/TSSOP
-S and -T Suffixes
14
13
12
11
10
9
8
6
5
7
3
2
1
4
Out A
﹢
In A
﹣
In A
D
A
C
B
Out D
﹢
In D
﹣
In D
Out B
﹢
In B
﹣
In B
Out C
﹢
In C
﹣
In C
﹣
Vs
﹢
Vs
5
TP1561NA
6-Pin SOT23
(-T Suffix)
4
6
3
2
1
Out
+In
-In
﹣
Vs
﹢
Vs
SHDN


Similar Part No. - TP1561NA

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TP1561N 3PEAK-TP1561N Datasheet
1Mb / 16P
Stable 3.8MHz, 130關A, RRIO, EveryCapTM Op Amps
TP1561N-SR 3PEAK-TP1561N-SR Datasheet
1Mb / 16P
Stable 3.8MHz, 130關A, RRIO, EveryCapTM Op Amps
TP1561N-TR 3PEAK-TP1561N-TR Datasheet
1Mb / 16P
Stable 3.8MHz, 130關A, RRIO, EveryCapTM Op Amps
TP1561N-VR 3PEAK-TP1561N-VR Datasheet
1Mb / 16P
Stable 3.8MHz, 130關A, RRIO, EveryCapTM Op Amps
More results

Similar Description - TP1561NA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6071 MICROCHIP-MCP6071 Datasheet
699Kb / 34P
110 關A, High Precision Op Amps
2009
MCP6051 MICROCHIP-MCP6051 Datasheet
715Kb / 34P
30 關A, High Precision Op Amps
2009
MCP6061T-EOT MICROCHIP-MCP6061T-EOT Datasheet
1Mb / 40P
60 關A, High Precision Op Amps
08/04/10
logo
3PEAK INC.
LMV321B 3PEAK-LMV321B Datasheet
1Mb / 16P
1MHz, 80μA, RRIO, Op Amps
Rev.0
LMV358BP 3PEAK-LMV358BP Datasheet
1,016Kb / 12P
1MHz, 80μA, RRIO, Op Amps
Rev.0
TP1541A 3PEAK-TP1541A Datasheet
1Mb / 18P
Stable 1.3MHz, Precision, RRIO, Op Amps
TP1561 3PEAK-TP1561 Datasheet
1Mb / 16P
Stable 3.8MHz, 130關A, RRIO, EveryCapTM Op Amps
TP1561AL1 3PEAK-TP1561AL1 Datasheet
1Mb / 17P
6MHz, 600關A, RRIO, Op Amps
TP5531 3PEAK-TP5531 Datasheet
657Kb / 16P
1.8V, 34關A, RRIO, Zero Drift Op-amps
TP6001 3PEAK-TP6001 Datasheet
944Kb / 17P
1MHz, 80關A, RRIO, Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com