Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP1561NA Datasheet(PDF) 4 Page - 3PEAK INC.

Part # TP1561NA
Description  Stable 6MHz, 500關A, RRIO, Precision, Op Amps
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP1561NA Datasheet(HTML) 4 Page - 3PEAK INC.

  TP1561NA Datasheet HTML 1Page - 3PEAK INC. TP1561NA Datasheet HTML 2Page - 3PEAK INC. TP1561NA Datasheet HTML 3Page - 3PEAK INC. TP1561NA Datasheet HTML 4Page - 3PEAK INC. TP1561NA Datasheet HTML 5Page - 3PEAK INC. TP1561NA Datasheet HTML 6Page - 3PEAK INC. TP1561NA Datasheet HTML 7Page - 3PEAK INC. TP1561NA Datasheet HTML 8Page - 3PEAK INC. TP1561NA Datasheet HTML 9Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
TP1561A/ TP1561NA/TP1562A/TP1564A
Stable 6MHz, 500μA, RRIO, Precision Op Amps
Rev. B.03
www.3peakic.com.cn
Typical Performance Characteristics
VS = ±2.75V, VCM = 0V, RL = Open, unless otherwise specified.
Offset Voltage Production Distribution
Unity Gain Bandwidth vs. Temperature
Open-Loop Gain and Phase
Input Voltage Noise Spectral Density
Input Bias Current vs. Temperature
Input Bias Current vs. Input Common Mode Voltage
0
50
100
150
200
250
300
350
400
450
-500 -400 -300 -200 -100
0
100 200 300 400
Offset Voltage(μV)
Number = 9162 pcs
0
1
2
3
4
5
6
7
8
9
10
-50
0
50
100
150
Temperature(℃)
-150
-100
-50
0
50
100
150
200
-60
-40
-20
0
20
40
60
80
100
120
0.1
10
1k
100k
10M
Frequency (Hz)
1
10
100
1000
1
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
-50
0
50
100
150
200
250
-40
-20
0
20
40
60
80
100
120
140
Temperature(℃)
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
Common Mode Voltage(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com