Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2014 Datasheet(PDF) 15 Page - 3PEAK INC.

Part # TP2014
Description  Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2014 Datasheet(HTML) 15 Page - 3PEAK INC.

Back Button TP2014 Datasheet HTML 11Page - 3PEAK INC. TP2014 Datasheet HTML 12Page - 3PEAK INC. TP2014 Datasheet HTML 13Page - 3PEAK INC. TP2014 Datasheet HTML 14Page - 3PEAK INC. TP2014 Datasheet HTML 15Page - 3PEAK INC. TP2014 Datasheet HTML 16Page - 3PEAK INC. TP2014 Datasheet HTML 17Page - 3PEAK INC. TP2014 Datasheet HTML 18Page - 3PEAK INC. TP2014 Datasheet HTML 19Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
www.3peakic.com.cn
REV1.2
TP2011/TP2012/TP2014
Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
Vo
R3
R2
VDD
R1
T2011
R4
C1
VC1
t
VO
R1=R2=R3
2/3VDD
1/3VDD
t
VC1
VA
Figure 8. Relaxation Oscillator
Windowed Comparator
Figure 9. shows one approach to designing a windowed comparator using a single TP2012 chip. Choose different
thresholds by changing the values of R1, R2, and R3. OutA provides an active-low undervoltage indication, and OutB
gives an active-low overvoltage indication. ANDing the two outputs provides an active-high, power-good signal. When
input voltage Vi reaches the overvoltage threshold VOH, the OutB gets low. Once Vi falls to the undervoltage threshold
VUH, the OutA gets low. When VUH<Vi<VOH, the AND Gate gets high.
1
)/R
3
R
2
R
1
(R
r
V
OH
V
)
2
R
1
)/(R
3
R
2
R
1
(R
r
V
UH
V
OutA
+InB
+InA
-InB
-InA
TP2012
OutB
UnderVolt
OverVolt
Power
Good
AND
Gate
Vr
R3
R1
Vi
R2
Figure 9. Windowed Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com