Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2014 Datasheet(PDF) 20 Page - 3PEAK INC.

Part # TP2014
Description  Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

TP2014 Datasheet(HTML) 20 Page - 3PEAK INC.

Back Button TP2014 Datasheet HTML 13Page - 3PEAK INC. TP2014 Datasheet HTML 14Page - 3PEAK INC. TP2014 Datasheet HTML 15Page - 3PEAK INC. TP2014 Datasheet HTML 16Page - 3PEAK INC. TP2014 Datasheet HTML 17Page - 3PEAK INC. TP2014 Datasheet HTML 18Page - 3PEAK INC. TP2014 Datasheet HTML 19Page - 3PEAK INC. TP2014 Datasheet HTML 20Page - 3PEAK INC. TP2014 Datasheet HTML 21Page - 3PEAK INC.  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20
REV1.2
www.3peakic.com.cn
TP2011/TP2012/TP2014
Ultra-Low Power 200nA, 1.6V, RRIO, Push-Pull Output Comparators
Package Outline Dimensions
SO-14 (SOIC-14)
Symbol
Dimensions
In Millimeters
MIN
TYP
MAX
A
1.35
1.60
1.75
A1
0.10
0.15
0.25
A2
1.25
1.45
1.65
b
0.36
0.49
D
8.53
8.63
8.73
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
e
1.27 BSC
L
0.45
0.60
0.80
L1
1.04 REF
L2
0.25 BSC
θ
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com