Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP08065V1 Datasheet(PDF) 3 Page - Shenzhen Meipusen Semiconductor Co., Ltd

Part # MSP08065V1
Description  650V Silicon Carbide Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAPLESMI [Shenzhen Meipusen Semiconductor Co., Ltd]
Direct Link  http://www.meipusen.com/
Logo MAPLESMI - Shenzhen Meipusen Semiconductor Co., Ltd

MSP08065V1 Datasheet(HTML) 3 Page - Shenzhen Meipusen Semiconductor Co., Ltd

  MSP08065V1 Datasheet HTML 1Page - Shenzhen Meipusen Semiconductor Co., Ltd MSP08065V1 Datasheet HTML 2Page - Shenzhen Meipusen Semiconductor Co., Ltd MSP08065V1 Datasheet HTML 3Page - Shenzhen Meipusen Semiconductor Co., Ltd MSP08065V1 Datasheet HTML 4Page - Shenzhen Meipusen Semiconductor Co., Ltd MSP08065V1 Datasheet HTML 5Page - Shenzhen Meipusen Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Characteristics
480
35
160
240
320
400
10
15
20
25
30
Figure 4. Total Capacitance Charge vs. Reverse Voltage
Figure 3. Capacitance vs. Reverse Voltage
0.1
1
10
100
1000
0
80
V
R (V)
0
100
200
300
400
500
600
0
5
V
R (V)
4
6
8
10
60
90
120
Figure 5. Capacitance Stored Energy
Figure 6. P
ower Derating
0
100
200
300
400
500
600
0
2
V
R (V)
25
50
75
100
125
150
175
0
30
T
C (C)
50
60
70
80
90
10% Duty
20% Duty
30% Duty
50% Duty
70% Duty
DC
1
0.1
0.3
0.5
25
50
75
100
125
150
175
0
10
20
30
40
T
C ( °C )
1E-6
1E-5
1E-4
1E-3
0.01
0.1
1
0.01
0.1
SinglePulse
0.01
0.02
0.05
T(sec)
Meipusen Co.,Ltd
http://www.meipusen.com
Rev1.2 Sep . 2018
page3
Figure 7.Current Derating
Figure 8. Transient Thermal Impedance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com