Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP08065V1 Datasheet(PDF) 2 Page - Shenzhen Meipusen Semiconductor Co., Ltd

Part # MSP08065V1
Description  650V Silicon Carbide Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAPLESMI [Shenzhen Meipusen Semiconductor Co., Ltd]
Direct Link  http://www.meipusen.com/
Logo MAPLESMI - Shenzhen Meipusen Semiconductor Co., Ltd

MSP08065V1 Datasheet(HTML) 2 Page - Shenzhen Meipusen Semiconductor Co., Ltd

  MSP08065V1 Datasheet HTML 1Page - Shenzhen Meipusen Semiconductor Co., Ltd MSP08065V1 Datasheet HTML 2Page - Shenzhen Meipusen Semiconductor Co., Ltd MSP08065V1 Datasheet HTML 3Page - Shenzhen Meipusen Semiconductor Co., Ltd MSP08065V1 Datasheet HTML 4Page - Shenzhen Meipusen Semiconductor Co., Ltd MSP08065V1 Datasheet HTML 5Page - Shenzhen Meipusen Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Test Conditions
Test Conditions
Min
Typ
Max
Unit
Electrical Characteristics
TC = 25°C unless otherwise noted
Symbol
Test Conditions
Test Conditions
Min
Typ
Max
Unit
VF
Forward Voltage
IF=8A, TC=25°C
IF=8A, TC=175°C
-
1.5
2.0
1.8
2.5
V
IR
Reverse Current
VR=650V, TC=25°C
VR=650V, TC=175°C
-
10
20
50
100
μA
QC
Total Capacitive Charge
VR =400V, IF =8A
TJ = 25°C
Qc=
-26
-
nC
r
dv
V
V
C
)
(
Qc
C
Total Capacitance
VR =0V, TJ = 25°C, f=1MHz
VR =200V, TJ = 25°C, f=1MHz
VR =400V, TJ = 25°C, f=1MHz
-
379
40
32
-
pF
EC
Capacitance Stored Energy
VR=400V
-
4.9
-
μJ
0
dv
V
C
)
(
Thermal Characteristics
Symbol
Parameter
Typ
Unit
RθJC
Thermal Resistance from Junction to Case
1.28
℃
/W
Typical Characteristics
yp ca C a acte st cs
8
10
12
T
j=25
OC
T
j=75
OC
T
j=125
OC
T
j=175
OC
30
40
50
T
j=25
oC
T
j=75
oC
T=125
oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
V (V)
0
200
400
600
800
1000
0
10
20
T
j=125 C
T
j=175
oC
V (V)
Meipusen Co.,Ltd
http://www.meipusen.com
Rev1.2 Sep . 2018
page2
Figure 1.Forward Characteristics
Figure 2. Reverse Characteristics
V
F (V)
V
R (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com