Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPA2225DEVBA Datasheet(PDF) 20 Page - Qorvo, Inc

Part # QPA2225DEVBA
Description  28 ??38 GHz 0.4 Watt GaN Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2225DEVBA Datasheet(HTML) 20 Page - Qorvo, Inc

Back Button QPA2225DEVBA Datasheet HTML 15Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 16Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 17Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 18Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 19Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 20Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 21Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 22Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 23Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
QPA2225D
28 – 38 GHz 0.4 Watt GaN Driver Amplifier
Data Sheet Rev. A, February 2019 | Subject to change without notice
20 of 23
www.qorvo.com
®
Evaluation Board (EVB) Layout Assembly
PCB is made from Rogers 4003C dielectric, 0.008 inch thick, 0.5 oz. copper both sides.
Bill of Materials
Reference Des.
Value
Description
Manuf.
Part Number
C1, C3
10 uF
CAP, 10 uF, 20%, 50 V, 20%, X5R, 1206
Various
C2, C4
0.01 uF
CAP, 0.01 uF, 10%, 50 V, X7R, 0402
Various
R1
5.1 Ω
RES, 5.1 OHM, 5%, 50 V, 0402
Various
R2, R3, R4
0 Ω
RES, 0 OHM, JMPR, 0402
Various
J1, J2
2.4 mm
CONNECTOR, FEMALE, ENDLAUNCH Southwest Microwave
1492-04A-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com