Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPA2225DEVBA Datasheet(PDF) 21 Page - Qorvo, Inc

Part # QPA2225DEVBA
Description  28 ??38 GHz 0.4 Watt GaN Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA2225DEVBA Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button QPA2225DEVBA Datasheet HTML 15Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 16Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 17Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 18Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 19Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 20Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 21Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 22Page - Qorvo, Inc QPA2225DEVBA Datasheet HTML 23Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
QPA2225D
28 – 38 GHz 0.4 Watt GaN Driver Amplifier
Data Sheet Rev. A, February 2019 | Subject to change without notice
21 of 23
www.qorvo.com
®
Mechanical Information
Dimensions are in mm
Thickness: 0.050
Die x, y size tolerance: ± 0.050
Ground is backside of die
Bond Pad Description
Pad No.
Symbol
Pad Size (mm)
Description
1
RF In
0.087 x 0.188
RF Input; matched to 50 Ω, DC blocked
2
VG
0.081 x 0.086
Gate voltage, bias network is required; see Application Circuit on
page 19 as an example.
3
VD
0.110 x 0.086
Drain voltage, bias network is required; see Application Circuit on
page 19 as an example.
4
RF Out
0.087 x 0.188
RF Output; matched to 50 Ω, DC blocked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com