Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMOS-820 Datasheet(PDF) 2 Page - VIA Technologies, Inc.

Part # AMOS-820
Description  Edge Computing Systems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

AMOS-820 Datasheet(HTML) 2 Page - VIA Technologies, Inc.

  AMOS-820 Datasheet HTML 1Page - VIA Technologies, Inc. AMOS-820 Datasheet HTML 2Page - VIA Technologies, Inc. AMOS-820 Datasheet HTML 3Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Front Panel External I/O
Back Panel External I/O
Micro SD/SPI Boot Switch
HDMI
USB 2.0
Composite RCA Jack
Ethernet
USB 2.0
Micro USB 2.0 OTG
COM1
CAN/
COM2
Reset
Line-in
Mic-in
Line-out
DIO
DC-in
WPAN/WWAN/Wi-Fi LED
Antenna Hole
Antenna Hole
Optional Accessories
Wireless Accessories
Part Number
Description
00GO27100BU2B0D0
VNT9271BU0DB IEEE 802.11 b/g/n USB Wi-Fi dongle
EMIO-2531-00A1
VAB-820-W-M IEE 802.11 b/g/n miniPCIe Wi-Fi & Bluetooth module with assembly kit and antenna
EMIO-2550-00A1
3.75G HSPA/UMTS mobile broadband full size miniPCIe module with GPS, SIM card slot, assembly kit and antenna
EMIO-2550-01A1
3.75G HSPA/UMTS mobile broadband full size miniPCIe module with SIM card slot, assembly kit and antenna
Specifications
Model Name
AMOS-820
Mechanical Construction Aluminum top chassis housing
Metal chassis housing
Dual removable front & rear metal face plate
Mounting
Wall/DIN Rail/VESA mountable
Dimensions
150.5mm(W) x 48.1mm(H) x 103.3mm(D) (5.9" x 1.9" x 4.1")
Weight
0.673kg (1.48lbs)
Compliance
CE, FCC
Ordering Information
Part Number
SoC Frequency
Description
AMOS-820-5Q10A1
NXP i.MX 6QuadPlus Cortex-A9
quad-core SoC @ 1.0GHz
Fanless embedded system with 1.0GHz NXP i.MX 6QuadPlus Cortex-A9 SoC,
1GB DDR3 RAM, 4GB eMMC, 512KB SPI Flash ROM, HDMI, 3 USB 2.0, Micro USB 2.0 OTG,
2 COM, 2 CAN bus, GPIO, Gigabit Ethernet, miniPCIe slot, RCA-in, 12V DC-in
AMOS-820-6Q10A1
NXP i.MX 6QuadPlus Cortex-A9
quad-core SoC @ 1.0GHz
Fanless embedded system with 1.0GHz NXP i.MX 6QuadPlus Cortex-A9 SoC,
1GB DDR3 RAM, 4GB eMMC, 512KB SPI Flash ROM, HDMI, 3 USB 2.0, Micro USB 2.0 OTG,
2 COM, 2 CAN bus, GPIO, Gigabit Ethernet, miniPCIe slot, RCA-in, PoE function, 12V DC-in
AMOS-820-1Q10A1
NXP i.MX 6Quad Cortex-A9
quad-core SoC @ 1.0GHz
Fanless embedded system with 1.0GHz NXP i.MX 6Quad Cortex-A9 SoC, 1GB DDR3 RAM,
4GB eMMC, 512KB SPI Flash ROM, HDMI, 3 USB 2.0, Micro USB 2.0 OTG, 2 COM, 2 CAN bus,
GPIO, Gigabit Ethernet, miniPCIe slot, RCA-in, 12V DC-in
AMOS-820-2Q10A1
NXP i.MX 6Quad Cortex-A9
quad-core SoC @ 1.0GHz
Fanless embedded system with 1.0GHz NXP i.MX 6Quad Cortex-A9 SoC, 1GB DDR3 RAM,
4GB eMMC, 512KB SPI Flash ROM, HDMI, 3 USB 2.0, Micro USB 2.0 OTG, 2 COM, 2 CAN bus,
GPIO, Gigabit Ethernet, miniPCIe slot, RCA-in, PoE function, 12V DC-in
Power LED



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com