Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMOS-820 Datasheet(PDF) 1 Page - VIA Technologies, Inc.

Part # AMOS-820
Description  Edge Computing Systems
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

AMOS-820 Datasheet(HTML) 1 Page - VIA Technologies, Inc.

  AMOS-820 Datasheet HTML 1Page - VIA Technologies, Inc. AMOS-820 Datasheet HTML 2Page - VIA Technologies, Inc. AMOS-820 Datasheet HTML 3Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VIA
AMOS-820
Fanless ultra-compact quad-
core edge computing system
ruggedized for extreme
environments
Edge Computing Systems
Features
„ 1.0GHz NXP i.MX 6QuadPlus or
i.MX 6Quad Cortex-A9 SoC
„ Power over Ethernet (PoE)
option
„ Wide operating temperature
range, -20°C ~ 70°C
„ Legacy I/O support including
dual CAN bus, dual COM, and
GPIO
„ Android and Linux solution
packs available
Specifications
Model Name
AMOS-820-QP
AMOS-820
Processor
1.0GHz NXP i.MX 6QuadPlus Cortex-A9 SoC
1.0GHz NXP i.MX 6Quad Cortex-A9 SoC
System Memory
1GB DDR3 SDRAM onboard
Storage
4GB eMMC Flash memory
Boot Loader
4MB SPI Flash ROM
Graphics
Vivante GC2000+ GPU
Vivante GC2000 GPU
3 independent, integrated 3D/2D and video graphics processing units
Supports OpenGL® ES 3.0, OpenCL and OpenVG™ 1.1 hardware accleration
Supports MPEG-2, VC-1 and H.264 video decoding up to 1080p
Supports SD encoding
LAN
Micrel KSZ9031RNX Gigabit Ethernet transceiver with RGMII support
Audio
NXP SGTL5000 low power stereo codec
HDMI
Integrated HDMI 1.4 transmitter
USB
SMSC USB2514 USB 2.0 high-speed 4-port hub controllers
CAN
TI SN65HVD1050 EMC optimized CAN transceiver
Expansion I/O
1 miniPCIe slot
Front Panel I/O
1 USB 2.0 port
1 Micro USB 2.0 type B port supports OTG
1 COM (TX/RX) / 2 CAN bus ports (supports CAN protocol specification version 2.0 B)
1 COM port supports 8-wire DTE mode
1 DIO port supports 8 GPIO (4 GPI + 4 GPO)
3 Audio jacks: Line-in, Line-out and Mic-in
1 Reset button
2 LEDs for power & WPAN/WWAN/Wi-Fi status
1 2-pole Phoenix DC jack
Back Panel I/O
1 HDMI port
1 Composite RCA jack
2 USB 2.0 ports
1 Gigabit Ethernet port (supports optional IEEE802.3 at type 2)
1 Micro SD/SPI boot switch
2 Antenna holes for 3G/Wi-Fi
Power Supply
12V DC-in (typical: 7W)
Operating System
Android 6.0, Linux kernel 4.1.15
VIA Smart ETK
Watchdog timer, CAN bus, GPIO, UART
Operating Temperature
-20°C ~ 70°C (3G & Wi-Fi not included) (AMOS-820-1Q10A1, AMOS-820-5Q10A1)
-20°C ~ 60°C (3G & Wi-Fi not included) (AMOS-820-2Q10A1, AMOS-820-6Q10A1)
Operating Humidity
0% ~ 90% @ 45° C (non-condensing)
Vibration Loading During
Operation
With onboard eMMC
7Grms, IEC 60068-2-64, random, 5 ~ 500Hz, 1hr/axis
Shock During Operation
With onboard eMMC
70G, IEC 60068-2-27, half size, 11ms duration
PoE Function
Supports IEEE802.3 at compliant (type 2) PD (AMOS-820-2Q10A1, AMOS-820-6Q10A1)
Bottom Opening Covers
Open window with removable door plate to access Micro SD and miniPCIe slots


Similar Part No. - AMOS-820

ManufacturerPart #DatasheetDescription
logo
VIA Technologies, Inc.
AMOS-825 VIA-AMOS-825 Datasheet
475Kb / 2P
Industrial Systems ARM
AMOS-825-1Q10A2 VIA-AMOS-825-1Q10A2 Datasheet
475Kb / 2P
Industrial Systems ARM
More results

Similar Description - AMOS-820

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-1061 ETC-PL-1061 Datasheet
92Kb / 1P
Mobile Computing System
logo
Intronics Power, Inc.
R101 INTRONICS-R101 Datasheet
217Kb / 1P
GENERAL-PURPOSE LOW-COST TRUE-RMS COMPUTING SUB-SYSTEMS
logo
International Rectifier
IRF7821TR IRF-IRF7821TR Datasheet
290Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems.
IRF7805ZGTRPBF IRF-IRF7805ZGTRPBF Datasheet
275Kb / 10P
High Frequency Point-of-Load Synchronous Buck Converter for Applications in Networking & Computing Systems
logo
VIA Technologies, Inc.
VAB-820 VIA-VAB-820 Datasheet
750Kb / 2P
Edge Computing Platforms
logo
Vecow Co., Ltd.
ECS-9755-GTX1050 VECOW-ECS-9755-GTX1050 Datasheet
498Kb / 2P
GPU Computing Systems
20180710
logo
DFI Inc
MD711-SU DFI-MD711-SU Datasheet
763Kb / 4P
Medical Computing System
logo
Advanced Micro Devices
CS500 AMD-CS500 Datasheet
2Mb / 4P
Flexible Computing Performance
logo
Advantech Co., Ltd.
1700090301 ADVANTECH-1700090301 Datasheet
292Kb / 4P
Embedded Computing Peripherals
logo
AAEON Technology
UPX-EDGEI7-A10-1664-F01 AAEON-UPX-EDGEI7-A10-1664-F01 Datasheet
631Kb / 2P
UP Xtreme Edge Computing System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com