Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMOS-3003 Datasheet(PDF) 2 Page - VIA Technologies, Inc.

Part # AMOS-3003
Description  Industrial Systems x86
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

AMOS-3003 Datasheet(HTML) 2 Page - VIA Technologies, Inc.

  AMOS-3003 Datasheet HTML 1Page - VIA Technologies, Inc. AMOS-3003 Datasheet HTML 2Page - VIA Technologies, Inc. AMOS-3003 Datasheet HTML 3Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Model Name
AMOS-3003
Vibration Loading During Operation With mSATA or 2.5” SSD: 3Grms, IEC 60068-2-64, random, 5 ~ 500Hz, 1hr/axis
Shock During Operation
With mSATA or 2.5” SSD: 50G, IEC 60068-2-27, half sine, 11ms duration
Mechanical Construction
Aluminum mixed with heavy-duty steel with heat pipe embedded
Aluminum top cover mixed with copper heat-pipe
Mounting
Built-in wall mountable brackets on system chassis
Dimensions
311mm(W) x 50.6mm(H) x 185mm(D) (12.24" x 1.99" x 7.28") (with wall mountable brackets)
Weight
3.5kg (7.7lbs)
Compliance
CE, FCC
Optional Accessories
External AC-to-DC Adapter and Power Cord
Part Number
Description
99G63-020316
AC-to-DC Adapter, 2-pole, DC 12V/5A, 60W
99G33-02032C
Power Cord, 180cm, USA type
99G33-02034C
Power Cord with PSE mark, 180cm for Japan market
99G33-02033C
Power Cord, 180cm, Europe type
Wireless Modules
Part Number
Description
00GO27100BU2B0D0
VNT9271 IEEE 802.11 b/g/n USB Wi-Fi dongle
EMIO-1533-00A2
VNT9271 IEEE 802.11 b/g/n USB Wi-Fi module with assembly kit and antenna
EMIO-5531-00A1
VAB-820-W IEEE 802.11 b/g/n USB Wi-Fi & Bluetooth module with assembly kit and antenna
EMIO-2531-00A1
VAB-820-W-M IEEE 802.11 b/g/n miniPCIe Wi-Fi & Bluetooth module with assembly kit and antenna
EMIO-2550-00A1
3.75G HSPA/UMTS mobile broadband full size miniPCIe module with GPS, SIM card slot, assembly kit and antenna
Ordering Information
Part Number
CPU Frequency
Description
AMOS-3003-1D12A1
VIA Nano X2 E-Series @ 1.2GHz
1.2GHz VIA Nano X2 E-Series CPU based fanless embedded system with Mini HDMI, VGA,
2 USB 3.0, 2 USB 2.0, 3 COM, DIO, 2 Gigabit Ethernet, SATA, mSATA, 9V ~ 30V DC-in
Back Panel External I/O
Left Panel External I/O
Power On/Off
DC-in
Line-out
Mini HDMI
Line-in
VGA
Mic-in
DIO
COM2
USB 2.0
USB 3.0
Ethernet
COM1
COM3
Power/HDD LED



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com