Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMOS-3003 Datasheet(PDF) 1 Page - VIA Technologies, Inc.

Part # AMOS-3003
Description  Industrial Systems x86
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

AMOS-3003 Datasheet(HTML) 1 Page - VIA Technologies, Inc.

  AMOS-3003 Datasheet HTML 1Page - VIA Technologies, Inc. AMOS-3003 Datasheet HTML 2Page - VIA Technologies, Inc. AMOS-3003 Datasheet HTML 3Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VIA
AMOS-3003
Compact fanless embedded
system ruggedized for
extreme environments
Industrial Systems x86
Features
„ 1.2GHz VIA Nano® X2 E-Series
dual-core processor
„ Wide input voltage range
supporting 9V~30V DC-in
„ Dual Gigabit Ethernet, optional
Wi-Fi and dual 3G SIM card
support
„ Legacy I/O support including
COM and GPIO
„ Support for dual independent
VGA + HDMI displays
Specifications
Model Name
AMOS-3003
Processor
1.2GHz VIA Nano® X2 E-Series
Chipset
VIA VX11H Media System Processor
BIOS
AMI Aptio UEFI BIOS, 32Mbit Flash memory
System Memory
1 DDR3 1333 SODIMM socket
Up to 8GB memory size
Storage
Supports 1 2.5" SATA HDD/SSD
1 mSATA slot
Graphics
Integrated VIA C-640 DX11 3D/2D graphics with MPEG-2, WMV9, VC1 and H.264 video
decoding acceleration
Audio
VIA VT2021 High Definition Audio Codec
Display I/O
1 Mini HDMI port
1 VGA port supporting VGA resolutions up to 2048 x 1536 pixels
Dual independent VGA + HDMI display at different resolutions, pixel depths, and
refresh rates
USB
2 USB 3.0 ports and 3 USB 2.0 host ports
LAN
VIA VT6130 PCIe Gigabit Ethernet controller
Realtek RTL8111G PCIe Gigabit Ethernet controller
Supports Wake On LAN (WOL)
Supports Preboot Execution Environment (PXE)
11x5-pin header reserved to support VIA EMIO-1533 USB Wi-Fi module
COM
Fintek F81865
Expansion I/O
2 miniPCIe slots (supports 2 SIM slots)
Supports optional Wi-Fi/3G modules
Supports 3 external antenna for Wi-Fi, 3G module, and GPS module
Back Panel I/O
2 USB 3.0 ports
2 USB 2.0 ports
1 Mini HDMI port
1 VGA port
2 Gigabit Ethernet ports
3 Audio jacks: Line-out, Line-in and Mic-in
1 Power on/off button
1 Red LED for HDD activity
1 Green LED for power status
1 2-pole Phoenix DC jack
Left Panel I/O
3 COM ports for RS-232/422/485 (powered by selectable 5V/12V)
1 DIO port for 8-bit GPIO
Power Supply
9V ~ 30V DC-in (typical: 27W)
Supports over voltage protection, over current protection, under voltage protection
Operating System
Windows 7, WES 7, Linux
VIA Smart ETK
BIOS flash tool, Hardware monitor, Watchdog timer, GPIO
Operating Temperature
-10°C ~ 60°C (SSD); 0°C ~ 45°C (HDD)
Operating Humidity
10% ~ 90% @ 45°C (non-condensing)
Storage Temperature
-20°C ~ 70°C
S&E


Similar Part No. - AMOS-3003

ManufacturerPart #DatasheetDescription
logo
VIA Technologies, Inc.
AMOS-3005 VIA-AMOS-3005 Datasheet
427Kb / 3P
Industrial Systems x86
AMOS-3005-1Q12A2 VIA-AMOS-3005-1Q12A2 Datasheet
427Kb / 3P
Industrial Systems x86
More results

Similar Description - AMOS-3003

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS750XCA-050 ALLEGRO-ACS750XCA-050 Datasheet
499Kb / 12P
Industrial systems, Motor control, Power conversion, Battery monitors, Automotive systems
ACS750XCA-100 ALLEGRO-ACS750XCA-100 Datasheet
508Kb / 12P
Industrial systems, Motor control, Power conversion, Battery monitors Automotive systems
logo
List of Unclassifed Man...
VORTEX86SX ETC2-VORTEX86SX Datasheet
2Mb / 30P
32-BIT x86 Embedded SoC
logo
Mitsubishi Electric Sem...
ML320G2-11 MITSUBISHI-ML320G2-11 Datasheet
142Kb / 4P
LASER DIODES FOR INDUSTRIAL SYSTEMS
logo
Advantech Co., Ltd.
EVA-X4150 ADVANTECH-EVA-X4150 Datasheet
285Kb / 2P
Cost-Effective x86 SoC for Industrial Embedded Platforms
EVA-X4300 ADVANTECH-EVA-X4300 Datasheet
287Kb / 2P
Highly Integrated x86 SoC for Industrial Embedded Platforms
ARK-RI2150L-UFAN0E ADVANTECH-ARK-RI2150L-UFAN0E Datasheet
833Kb / 2P
X86-based Intelligent IoT Controller
logo
Silicon Laboratories
SI863X SILABS-SI863X Datasheet
780Kb / 36P
Industrial automation systems
logo
VIA Technologies, Inc.
AMOS-825 VIA-AMOS-825 Datasheet
475Kb / 2P
Industrial Systems ARM
AMOS-3005 VIA-AMOS-3005 Datasheet
427Kb / 3P
Industrial Systems x86
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com