Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDGEAI Datasheet(PDF) 2 Page - VIA Technologies, Inc.

Part # EDGEAI
Description  SOM Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

EDGEAI Datasheet(HTML) 2 Page - VIA Technologies, Inc.

  EDGEAI Datasheet HTML 1Page - VIA Technologies, Inc. EDGEAI Datasheet HTML 2Page - VIA Technologies, Inc. EDGEAI Datasheet HTML 3Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Model Name
SOMDB2
Audio
Qualcomm WCD9335 Audio Codec
LAN
RealTek RTL8111G Ethernet Controller
RealTek RTL8365MB LAN Hub
Onboard I/O
1 MIPI DSI LCD panel connector
1 MIPI CSI Interface for camera module
1 P-Cap Touch connector
2 USB 2.0 ports
1 USB 2.0 OTG switch (for Host mode/Device mode)
1 COM connector (TX/RX only for debugging)
1 GPIO connector (8 GPIO)
2 I
2C connectors (for light & proximity sensor and NFC module)
1 Front panel connector
1 JTAG connector
1 Mic-in connector
2 2W speaker connectors
2 Audio module connectors (for VT6093 audio module)
2 Volume buttons
1 Boot switch
1 RTC battery connector
1 Micro SD card slot
1 miniPCIe slot
1 MXM 3.0 slot
Back Panel I/O
1 HDMI port
2 USB 3.0 ports
1 Micro USB 2.0 OTG port (for debugging)
2 Gigabit Ethernet ports
1 Power button
1 12V DC-in jack
Operating Temperature
-20°C ~ 70°C
Operating Humidity
0% ~ 95% (non-condensing)
Form Factor
17cm x 8.6cm (6.69" x 3.89")
Compliance
RoHS
Ordering Information
Part Number
SoC Frequency
Description
STK-VT6093-01A1
Qualcomm® APQ8096SG
Embedded Processor @
2.342GHz/1.593GHz
SOM-9X20 module + SOMDB2 carrier board + 13MP CMOS camera module
STK-VT6093-00A1
Qualcomm® APQ8096SG
Embedded Processor @
2.342GHz/1.593GHz
SOM-9X20 module + SOMDB2 carrier board
Carrier Board (SOMDB2)
Carrier Board Back Panel I/O
USB 3.0
HDMI
Power
Button
Micro USB 2.0 OTG
Ethernet
DC-in



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com