Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDGEAI Datasheet(PDF) 3 Page - VIA Technologies, Inc.

Part # EDGEAI
Description  SOM Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

EDGEAI Datasheet(HTML) 3 Page - VIA Technologies, Inc.

  EDGEAI Datasheet HTML 1Page - VIA Technologies, Inc. EDGEAI Datasheet HTML 2Page - VIA Technologies, Inc. EDGEAI Datasheet HTML 3Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
* All product specifications are subject to change without notice. Update: Jan. 4, 2019
www.viatech.com
Block Diagram
Power Rail
MIPI CSI (4-Lane) x3
HDMI 2.0
JTAG
SDIO
PCIe (1-Lane)
PCM/MI2S x2
Qualcomm APQ8096SG
Embedded Processor
2.342GHz/1.593GHz
PCIe
GLAN x2
GNSS
SDIO
MXM 3.0
Carrier Board
Connector
PCIe + UART + PCM
GPS/GNS Receiver
64GB UFS
4GB POP LPDDR4
SDRAM
Wi-Fi + BT 4.1
USB HS/SS
MIPI DSI (4-Lane) x2
SLIMbus
USB HS
USB 3.0 x2
USB 2.0 x2
Multi-function pins for UART/I²C/SPI/GPIO
MDI
USB 2.0 Hub
Ethernet
Hub
Audio Codec
USB 3.0 Hub
Ethernet
Controller
Packing List
Items for STK-VT6093-01A1
SOM-9X20 module
SOMDB2 carrier board
VT6093 audio module
COM cable
AC adapter
Power cord US type
2 Antennas for Wi-Fi & Bluetooth
VT6093-CAM-T Camera-CSI converter
board
13MP CMOS camera module
1 FPC cable for CSI connector
Items for STK-VT6093-00A1
SOM-9X20 module
SOMDB2 carrier board
VT6093 audio module
COM cable
AC adapter
Power cord US type
2 Antennas for Wi-Fi & Bluetooth
Optional Accessories
Touch Panel
Part Number
Description
99G47-01025F
10.1" MIPI 16:10 (WUXGA 1920 x 1200, 16.7M) LCD Touch panel with USB FPC touch cable and MIPI FPC cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com