Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPROVP7910 Datasheet(PDF) 2 Page - VIA Technologies, Inc.

Part # VIPROVP7910
Description  Panel PCs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VIPROVP7910 Datasheet(HTML) 2 Page - VIA Technologies, Inc.

  VIPROVP7910 Datasheet HTML 1Page - VIA Technologies, Inc. VIPROVP7910 Datasheet HTML 2Page - VIA Technologies, Inc. VIPROVP7910 Datasheet HTML 3Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Right Panel External I/O
GPIO
COM (RS-232/422/485)
VGA
HDMI
HD Audio
Power On/Off
Ethernet
USB 3.0
USB 2.0
DC-in
Bottom Panel External I/O
Specifications
Part Number
VP-7910-R1Q12A1
VP-7910-P1Q12A1
Operating System
Windows 10/8.1/8/7, Win 10 IoT, WES 7, Linux
VIA Smart ETK
BIOS flash tool, Hardware monitor, LCD backlight brightness control, Watchdog timer, GPIO
Operating Temperature
-10°C ~ 50°C: with qualified industrial grade DRAM, flash disk drive
0°C ~ 50°C: with default built in DRAM
0°C ~ 45°C: with 2.5” hard disk drive
Operating Humidity
10% ~ 90% @ 45°C (non-condensing)
Storage Temperature
-10°C ~ 70°C
Vibration Loading During Operation With mSATA flash: 5Grms, IEC 60068-2-64, random, 5 ~ 500Hz, 1hr/axis
Shock During Operation
With mSATA flash: 50G, IEC 60068-2-27, half sine, 11ms duration
Mechanical Construction
Aluminum mixed with heavy-duty steel
Mounting
Panel mount/Wall/VESA mountable
Dimensions
300.4mm(W) x 58.6mm(H) x 205.9mm(D) (11.8” x 2.3” x 8.1”)
Weight
3.6kg (7.9lbs)
Compliance
CE/FCC/CCC
Ordering Information
Part Number
CPU Frequency
Description
VP-7910-R1Q12A1
VIA Eden® X4 @ 1.2GHz
1.2GHz VIA Eden® X4 CPU based fanless 10.4” Resistive touch panel system with 800 x 600
LCD, pre-assembled 2GB SDRAM, HDMI, VGA, 2 USB 3.0, 2 USB 2.0, 3 COM, DIO,
2 Gigabit Ethernet, 2 miniPCIe slots, SATA, mSATA, panel mount bracket, 9~32V DC-in
VP-7910-P1Q12A1
VIA Eden® X4 @ 1.2GHz
1.2GHz VIA Eden® X4 CPU based fanless 10.4” Projective Capacitive touch panel system with
1024 x 768 LCD, pre-assembled 2GB SDRAM, HDMI, VGA, 2 USB 3.0, 2 USB 2.0, 3 COM, DIO,
2 Gigabit Ethernet, 2 miniPCIe slots, SATA, mSATA, panel mount bracket, 9~32V DC-in
Optional Accessories
External AC-to-DC Adapter and Power Cord
Part Number
Description
99G63-020316
AC-to-DC adapter, 2-pole Phoenix connector, DC 12V/5A, 60W
99G33-02032C
Power cord, 180cm, USA type
99G33-02033C
Power cord, 180cm, Europe type
Wireless Accesories
Part Number
Description
00GO27100BU2B0D0
VNT9271 IEEE 802.11 b/g/n USB Wi-Fi dongle
EMIO-1533-00A2
VNT9271 IEEE 802.11 b/g/n USB Wi-Fi module with assembly kit and antenna
EMIO-5531-00A1
VAB-820-W IEEE 802.11b/g/n USB Wi-Fi & Bluetooth module with assembly kit and antenna
EMIO-2531-00A1
VAB-820-W-M IEEE 802.11b/g/n miniPCIe Wi-Fi & Bluetooth module with assembly kit and antenna
EMIO-2550-00A1
3.75G HSPA/UMTS mobile broadband full size miniPCIe module with GPS, SIM card slot, assembly kit and antenna



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com