Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPROVP7910 Datasheet(PDF) 1 Page - VIA Technologies, Inc.

Part # VIPROVP7910
Description  Panel PCs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VIPROVP7910 Datasheet(HTML) 1 Page - VIA Technologies, Inc.

  VIPROVP7910 Datasheet HTML 1Page - VIA Technologies, Inc. VIPROVP7910 Datasheet HTML 2Page - VIA Technologies, Inc. VIPROVP7910 Datasheet HTML 3Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
„ Fanless VIA Eden® X4 quad-core
processor
„ Supports 5-wire resistive touch
sensor or projective capacitive
multi-touch
„ Supports one mSATA and one
hard disk drive bay
„ Supports two minPCIe slots
and two SIM card slots for 3G/
Wi-Fi communication
„ Front panel IP65 compliant
against water and dust
Panel PCs
VIA
VIPROVP7910
Fanless quad-core panel
PC with 10.4" resistive or
prejective capacitive touch
screen
Specifications
Model Name
VP-7910-R1Q12A1
VP-7910-P1Q12A1
Processor
1.2GHz VIA Eden® X4
1.2GHz VIA Eden® X4
Chipset
VIA VX11H Media System Processor
BIOS
AMI Aptio UEFI BIOS, 32Mbit Flash memory
System Memory
1 DDR3 SODIMM socket, up to 8GB memory size
Pre-assembled 2GB SDRAM
Storage
Supports 1 2.5” SATA SSD/HDD
1 mSATA slot
Graphics
Integrated VIA C-640 DX11 2D/3D graphics with MPEG-2, WMV9, VC1 and
H.264 video decoding acceleration
Audio
VIA VT2021 High Definition Audio Codec
LCD Display LCD Type
10.4" color TFT LCD
LCD MTBF
30,000 hrs
50,000 hrs
Contrast Ratio
500:1
1400:1
Luminance (cd/m2)
230
400
Viewing Angle (H/V°) 80°(left), 80°(right), 60°(up), 70°(down) 89°(left), 89°(right), 89°(up), 89°(down)
Pixel Pitch (mm)
0.264 x 0.264
0.2055 x 0.2055
Max. Colors
16.2M
16.2M
Max. Resolution
800 x 600
1024 x 768
Touch Screen Touch Type
5-wire Analog Resistive
Projective Capacitive multi-touch
Light Transmission 80% ± 3%
≥85%
Controller
USB interface
USB interface
USB
2 USB 3.0 ports and 2 USB 2.0 host ports
LAN
VIA VT6130 PCIe Gigabit Ethernet controller
Realtek RTL8111G PCIe Gigabit Ethernet controller
Supports Wake On LAN (WOL)
Supports Preboot Execution Environment (PXE)
1x6 pin connector reserved to support VIA EMIO-1533 USB Wi-Fi module
COM
Fintek F81865
Expansion I/O
2 miniPCIe slots (supports 2 SIM slots)
Supports 3 external antenna for optional Wi-Fi, 3G, and GPS modules
Bottom Panel I/O
1 Mini HDMI port
1 VGA port
2 USB 3.0 ports
2 USB 2.0 ports
2 Gigabit Ethernet ports
3 Audio jacks: Line-in, Line-out and Mic-in
1 Power on/off button
1 Red color LED for HDD activity
1 Green color LED for power status
1 2-pole Phoenix DC jack
Right Panel I/O
1 DIO port for 8-bit GPIO (4 GPI + 4 GPO)
3 COM ports for RS-232/422/485 (powered by selectable 5V/12V)
Power Supply
9V ~ 32V DC-in (typical 29W)
Supports over voltage, over current, and under voltage protection


Similar Part No. - VIPROVP7910

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
VIP-SFP+-10GE-LR-C ATGBICS-VIP-SFP+-10GE-LR-C Datasheet
366Kb / 10P
VIP-SFP-10GE-LR Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
VIP-SFP+-10GE-SR-C ATGBICS-VIP-SFP+-10GE-SR-C Datasheet
375Kb / 10P
VIP-SFP-10GE-SR Cisco Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
VIP-SFP-1GE-BASET-C ATGBICS-VIP-SFP-1GE-BASET-C Datasheet
185Kb / 7P
VIP-SFP-1GE-BASET Cisco Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
VIP-SFP-1GE-LX-C ATGBICS-VIP-SFP-1GE-LX-C Datasheet
322Kb / 9P
VIP-SFP-1GE-LX Cisco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
VIP-SFP-1GE-SX-C ATGBICS-VIP-SFP-1GE-SX-C Datasheet
293Kb / 8P
VIP-SFP-1GE-SX Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results

Similar Description - VIPROVP7910

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2603 RFMD-RF2603 Datasheet
120Kb / 6P
2.8V PCS UPCONVERTER
logo
List of Unclassifed Man...
RF3140PCBA ETC1-RF3140PCBA Datasheet
253Kb / 16P
QUAD-BAND GSM850/GSM900/DCS/PCS PCS
logo
EPCOS
B9102 EPCOS-B9102 Datasheet
183Kb / 12P
CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
logo
fujitsu semiconductor
FAR-F6KA-1G8800-L4AF FUJITSU-FAR-F6KA-1G8800-L4AF Datasheet
174Kb / 5P
PCS-Tx
logo
RFHIC
RFUR19-50 RFHIC-RFUR19-50 Datasheet
215Kb / 4P
PCS Converter
logo
EPCOS
B9102 EPCOS-B9102_2 Datasheet
185Kb / 12P
CELL/GPS/(K-PCS,PCS,WCDMA) Triplexer
logo
Vectron International, ...
C2400 VECTRON-C2400_06 Datasheet
105Kb / 5P
PCS Base Stations
logo
API Technologies Corp
CMD230 APITECH-CMD230 Datasheet
131Kb / 2P
PCS Duplexer
CMD112 APITECH-CMD112 Datasheet
117Kb / 1P
PCS Duplexer
logo
TriQuint Semiconductor
TQM969001 TRIQUINT-TQM969001_15 Datasheet
692Kb / 10P
PCS Duplexer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com