Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3.0 Datasheet(PDF) 1 Page - VIA Technologies, Inc.

Part # USB3.0
Description  Active Optical Cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

USB3.0 Datasheet(HTML) 1 Page - VIA Technologies, Inc.

  USB3.0 Datasheet HTML 1Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All product specifications are subject to change without notice. Update: Sept. 26, 2017
www.viatech.com
Features
„ Supports High Speed 5Gbps data
transfer
„ Long distance transmission >50m
„ Plug and play compatible - USB
1.0/1.1/2.0 to USB 3.0 conversion
supported
„ High EMI and ESD resistance
„ No external power adapter
required – 5V/900mA power
supply
Active Optical Cables
VIA
USB3.0Hybrid
AOC
VIA USB 3.0 Hybrid Active
Optical Cable for long range
connections
Specifications
Model Name
USB 3.0 Hybrid Active Optical Cable (AOC)
Interface
Host Side
USB 3.0 male (with locking screws)
Device Side
USB 3.0 female (with locking threads)
Data Rate
USB 3.0 Super Speed up to 5Gbps
Backward compatible with USB 2.0/1.1
Cable Length
10M / 20M / 30M / 50M
Power
Host Side
USB Bus power supply
Device Side
Maximum current supplied: 5V 900mA (10m/20m/30m)
5V 600mA (50m)
Power Consumption
0.94W
Cable Diameter
3mm (0.12")
Bend Radius (Dynamic/Static)
60mm/30mm
Tensile Strength (Long Term/Short Term) 100N/200N
Crush Resistance (Long Term/Short Term) 200N/400N
USB 3.0 Interface Dimensions
Host Side
27mm(W) x 13mm(H) x 44mm(D) (1.06" x 0.51" x 1.73")
Device Side
26mm(W) x 14.5mm(H) x 82mm(D) (1.02" x 0.57" x 3.23")
Operating Temperature
0°C ~ 55°C
Storage Temperature
-20°C ~ 80°C
Mechanical Construction
Silver metal housing
Certification
CE, FCC
Ordering Information
Part Number
Description
99G33-10093L
10M USB 3.0 Hybrid male to female Active Optical Cable
99G33-10094L
20M USB 3.0 Hybrid male to female Active Optical Cable
99G33-10095L
30M USB 3.0 Hybrid male to female Active Optical Cable
99G33-10096L
50M USB 3.0 Hybrid male to female Active Optical Cable
Dimensions
Unit: mm
12.2 ±0.3
44 ±0.3
13 ±0.2
82 ±0.3
14.5 ±0.2
L
21.5


Similar Part No. - USB3.0

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB3.0-ABM-0.5FT COOLGEAR-USB3.0-ABM-0.5FT Datasheet
300Kb / 2P
6 inch USB 3.2 Gen 1 Cable A Male to B Male Device Cable
Rev 05.220506
USB3.0-ABM-10FT COOLGEAR-USB3.0-ABM-10FT Datasheet
128Kb / 2P
USB 3.2 Gen 1 Type-A to Type-B SuperSpeed Cable - 10ft
Rev 05.220506
USB3.0-ABM-15FT COOLGEAR-USB3.0-ABM-15FT Datasheet
128Kb / 2P
USB 3.2 Gen 1 Type-A to Type-B SuperSpeed Cable - 15ft
Rev 05.220506
USB3.0-ABM-1FT COOLGEAR-USB3.0-ABM-1FT Datasheet
361Kb / 2P
1ft USB 3.2 Gen 1 Cable A Male to B Male Device Cable
Rev 05.220506
USB3.0-ABM-6FT COOLGEAR-USB3.0-ABM-6FT Datasheet
542Kb / 2P
6ft USB 3.2 Gen 1 Cable A Male to B Male Device Cable
Rev 05.220506
More results

Similar Description - USB3.0

ManufacturerPart #DatasheetDescription
logo
FCI connector
ICD120GVP2420-05 FCI-CONNECTOR-ICD120GVP2420-05 Datasheet
119Kb / 2P
12 Channel Parallel Active Optical Cable
logo
Finisar Corporation.
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
100G Quadwire짰 QSFP28 Active Optical Cable
logo
Japan Aviation Electron...
RP04 JAE-RP04 Datasheet
526Kb / 5P
AOC (Active Optical Cable)
logo
Hirose Electric
BF4M HIROSE-BF4M Datasheet
547Kb / 8P
Active Optical Connector
logo
Finisar Corporation.
FCBN425QE1C01 FINISAR-FCBN425QE1C01 Datasheet
475Kb / 7P
100G Quadwire짰 QSFP28 Active Optical Cable
logo
VIA Technologies, Inc.
HDMI1.4AOC VIA-HDMI1.4AOC Datasheet
204Kb / 1P
Active Optical Cables
HDMI2.0AOC VIA-HDMI2.0AOC Datasheet
198Kb / 1P
Active Optical Cables
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
2368651 TEC-2368651 Datasheet
273Kb / 4P
200G QSFP56 Active Optical Cable
23 AUGUST 2022 Rev B
2368652 TEC-2368652 Datasheet
290Kb / 4P
400G QSFP-DD Active Optical Cable
23 AUGUST 2022 Rev B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com