Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I15104F Datasheet(PDF) 13 Page - Nuvoton Technology Corporation

Part # I15104F
Description  Multi-Message Record/Playback Devices with Digital Audio Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

I15104F Datasheet(HTML) 13 Page - Nuvoton Technology Corporation

Back Button I15104F Datasheet HTML 9Page - Nuvoton Technology Corporation I15104F Datasheet HTML 10Page - Nuvoton Technology Corporation I15104F Datasheet HTML 11Page - Nuvoton Technology Corporation I15104F Datasheet HTML 12Page - Nuvoton Technology Corporation I15104F Datasheet HTML 13Page - Nuvoton Technology Corporation I15104F Datasheet HTML 14Page - Nuvoton Technology Corporation I15104F Datasheet HTML 15Page - Nuvoton Technology Corporation I15104F Datasheet HTML 16Page - Nuvoton Technology Corporation I15104F Datasheet HTML 17Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ISD15100 SERIES
Publication Release Date: May 6, 2011
- 13 -
Revision 1.3
6.4
AC PARAMETERS
6.4.1
Internal Oscillator
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Internal Oscillator with internal
reference
FINT
-10%
2.048
MHz
+10
%
MHz
Vdd = 3V.
At room temperature
Internal Oscillator with external
resistor
[1]
FExt
-5%
2.048
MHz
+5%
MHz
With 1% precision
resistor, 80k-ohm.
Vdd = 3V.
At room temperature
Notes:
[1] Characterization data shows that frequency deviation is +/- 5% across temperature and voltage
ranges.
6.4.2
Inputs
ANAIN & MICIN
PARAMETER
SYMBOL
MIN
TYP
[1]
MAX
UNITS
CONDITIONS
ANAIN Input Voltage
VANAIN
10-1000
mV
Peak-to-Peak
[2]
ANAIN Feed Back Resistance
RANA(FB)
40
100
KΩ
MICIN Input Voltage
VMICIN
5-500
mV
Peak-to-Peak
[2]
Notes:
[1] Conditions V
DD=3V, TAB=25°C unless otherwise stated
[2] Depends on Gain Setting
AUXIN
PARAMETER
SYMBOL
MIN
TYP
[1]
MAX
UNITS
CONDITIONS
AUXIN Input Voltage
VAUXIN
1000
mV
Peak-to-Peak
[2]
Gain from AUXIN to
AUXOUT/ANAOUT
AAUXIN GAIN
0 to 9
dB
4 Gain Steps of 3db
each
AUXIN Gain Accuracy
AAUXIN (GA)
-0.5
+0.5
dB
AUXIN Input Resistance
RAUXIN
20-40
KΩ
Depending on
AUXIN Gain Setting
Notes:
[1] Conditions V
DD=3V, TA=25°C unless otherwise stated.
[2] With 0db Gain setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com