Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I15104F Datasheet(PDF) 21 Page - Nuvoton Technology Corporation

Part # I15104F
Description  Multi-Message Record/Playback Devices with Digital Audio Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

I15104F Datasheet(HTML) 21 Page - Nuvoton Technology Corporation

Back Button I15104F Datasheet HTML 14Page - Nuvoton Technology Corporation I15104F Datasheet HTML 15Page - Nuvoton Technology Corporation I15104F Datasheet HTML 16Page - Nuvoton Technology Corporation I15104F Datasheet HTML 17Page - Nuvoton Technology Corporation I15104F Datasheet HTML 18Page - Nuvoton Technology Corporation I15104F Datasheet HTML 19Page - Nuvoton Technology Corporation I15104F Datasheet HTML 20Page - Nuvoton Technology Corporation I15104F Datasheet HTML 21Page - Nuvoton Technology Corporation I15104F Datasheet HTML 22Page - Nuvoton Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
ISD15100 SERIES
Publication Release Date: May 6, 2011
- 21 -
Revision 1.3
10
REVISION HISTORY
Version
Date
Description
0.71
May 28, 2008
Initial release.
Reset pulse: 50ms.
Add a 270-ohm resistor between XTALOUT and
crystal.
Update spec of internal oscillator.
Industrial temp.
0.75
Sep 10, 2008
Update:
SPI timing: TSSBH maximum 50us.
MICIN input signal: 500mV
Revise Block Diagram; add BTL block.
Revise Application Diagram.
0.80
Feb 10, 2009
Update:
Remove the Preliminary watermark.
Output low/high voltage.
0.82
Nov 20, 2009
Update Block Diagram.
1.0
July 1, 2010
Update crystal configuration.
1.3
May 6, 2011
Add Absolute Maximum Ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com