Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX257 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX257
Description  LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS (3-STATE)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX257 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX257 Datasheet HTML 1Page - STMicroelectronics 74LCX257 Datasheet HTML 2Page - STMicroelectronics 74LCX257 Datasheet HTML 3Page - STMicroelectronics 74LCX257 Datasheet HTML 4Page - STMicroelectronics 74LCX257 Datasheet HTML 5Page - STMicroelectronics 74LCX257 Datasheet HTML 6Page - STMicroelectronics 74LCX257 Datasheet HTML 7Page - STMicroelectronics 74LCX257 Datasheet HTML 8Page - STMicroelectronics 74LCX257 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
September 2004
s
5V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED:
tPD = 6.0 ns (MAX.) at VCC = 3V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN) at VCC = 3V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2.0V to 3.6V (1.5V Data
Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 257
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74LCX257 is a low voltage CMOS QUAD 2
CHANNEL MULTIPLEXER (3-STATE) fabricated
with sub-micron silicon gate and double-layer
metal wiring C2MOS technology. It is ideal for low
power and high speed 3.3V applications; it can be
interfaced to 5V signal environment for both inputs
and outputs.
It is composed of four independent 2 channel
multiplexers with common SELECT and ENABLE
(OE) INPUT. The 74LCX257 is a non-inverting
multiplexer. When the ENABLE INPUT is held
"High", all outputs become in high impedance
state. If SELECT INPUT is held "Low", "A" data is
selected, when SELECT INPUT is "High", "B" data
is chosen.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LCX257
LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER
WITH 5V TOLERANT INPUTS AND OUTPUTS (3-STATE)
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LCX257MTR
TSSOP
74LCX257TTR
TSSOP
SOP
Rev. 4


Similar Part No. - 74LCX257

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX257 FAIRCHILD-74LCX257 Datasheet
100Kb / 9P
Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs and Outputs
74LCX257 FAIRCHILD-74LCX257 Datasheet
103Kb / 9P
Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX257 ONSEMI-74LCX257 Datasheet
207Kb / 11P
Low Voltage Quad 2-Input Multiplexer
Revised September 2000
logo
Toshiba Semiconductor
74LCX257FT TOSHIBA-74LCX257FT Datasheet
203Kb / 11P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-09-15 Rev.2.0
logo
Fairchild Semiconductor
74LCX257M FAIRCHILD-74LCX257M Datasheet
100Kb / 9P
Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX257

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX257F TOSHIBA-TC74LCX257F Datasheet
298Kb / 9P
LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX257 FAIRCHILD-74LCX257 Datasheet
100Kb / 9P
Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LVX257 STMICROELECTRONICS-74LVX257 Datasheet
258Kb / 10P
LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
Jul-2001
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F_07 Datasheet
249Kb / 10P
Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX125 STMICROELECTRONICS-74LCX125_06 Datasheet
241Kb / 16P
Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
13-Jul-2006
74LCX157 STMICROELECTRONICS-74LCX157 Datasheet
321Kb / 17P
Low voltage CMOS Quad 2 channel multiplexer with 5V tolerant inputs
06-Feb-2007
74LVX257 STMICROELECTRONICS-74LVX257_04 Datasheet
332Kb / 13P
LOW VOLTAGE CMOS QUAD 2 CHANNEL MULTIPLEXER (3-STATE) WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F_12 Datasheet
223Kb / 10P
Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com