Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR804BA33 Datasheet(PDF) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PR804BA33
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PR804BA33 Datasheet(HTML) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

  PR804BA33 Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PR804BA33 Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PR804BA33 Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PR804BA33 Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PR804BA33 Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PR804BA33 Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
REV 1.3
4
J-11-1
N-Channel Enhancement Mode
Field Effect Transistor
PR804BA33
PowerFET
NIKO-SEM
CISS
COSS
CRSS
0
1000
2000
3000
4000
5000
6000
7000
0
5
10
15
20
25
30
0
6
12
18
24
30
0
1
2
3
4
5
VGS=10V
VGS=7V
VGS=5V
VGS=4.5V
VGS=2.7V
VGS=2.5V
VGS=2.6V
VGS=2.8V
VGS=2.9V
VGS=3V
0
0.002
0.004
0.006
0.008
2
4
6
8
10
ID=14A
0
0.001
0.002
0.003
0.004
0.005
0
6
12
18
24
30
VGS=10V
VGS=4.5V
25℃
125℃
-20℃
0
6
12
18
24
30
0
1
2
3
4
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
VGS=10V
ID=14A
Output Characteristics
Transfer Characteristics
VDS, Drain-To-Source Voltage(V)
VGS, Gate-To-Source Voltage(V)
On-Resistance VS Gate-To-Source
Voltage
On-Resistance VS Drain Current
VGS, Gate-To-Source Voltage(V)
ID , Drain-To-Source Current(A)
On-Resistance VS Temperature
Capacitance Characteristic
VDS, Drain-To-Source Voltage(V)
TJ , Junction Temperature(
˚C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com