Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR804BA33 Datasheet(PDF) 5 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PR804BA33
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PR804BA33 Datasheet(HTML) 5 Page - NIKO SEMICONDUCTOR CO., LTD.

  PR804BA33 Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PR804BA33 Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PR804BA33 Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PR804BA33 Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD. PR804BA33 Datasheet HTML 5Page - NIKO SEMICONDUCTOR CO., LTD. PR804BA33 Datasheet HTML 6Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
REV 1.3
5
J-11-1
N-Channel Enhancement Mode
Field Effect Transistor
PR804BA33
PowerFET
NIKO-SEM
0
2
4
6
8
10
0
13
26
39
52
65
VDS=15V
ID=14A
25℃
150℃
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
30
60
90
120
150
0.001
0.01
0.1
1
10
100
Single Pulse
R
θJA = 60 ˚C/W
TA = 25
˚C
DC
100ms
10ms
1ms
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
NOTE :
1.VGS = 10V
2.TA =25
˚C
3.R
θJA = 60 ˚C/W
4.Single Pulse
Operation in This
Area is Limited by
RDS(ON)
single pulse
Duty cycle=0.5
0.2
0.1
0.05
0.02
0.01
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
Notes
1.Duty cycle, D= t1 / t2
2.RthJA = 60 ℃/W
3.TJ-TA = P*RthJA(t)
4.RthJA(t) = r(t)*RthJA
Source-Drain Diode Forward Voltage
Gate charge Characteristics
Characteristics
VSD, Source-To-Drain Voltage(V)
Qg , Total Gate Charge(nC)
Single Pulse Maximum Power Dissipation
Safe Operating Area
Single Pulse Time(s)
VDS, Drain-To-Source Voltage(V)
Transient Thermal Response Curve
T1 , Square Wave Pulse Duration(s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com