Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACST4
Description  AC POWER SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST4 Datasheet(HTML) 4 Page - STMicroelectronics

  ACST4 Datasheet HTML 1Page - STMicroelectronics ACST4 Datasheet HTML 2Page - STMicroelectronics ACST4 Datasheet HTML 3Page - STMicroelectronics ACST4 Datasheet HTML 4Page - STMicroelectronics ACST4 Datasheet HTML 5Page - STMicroelectronics ACST4 Datasheet HTML 6Page - STMicroelectronics ACST4 Datasheet HTML 7Page - STMicroelectronics ACST4 Datasheet HTML 8Page - STMicroelectronics ACST4 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ACST4 Series
4/9
The ACST4 device has been designed to switch on & off low power, but highly inductive or resistive loads
such as dishwashers spray pumps, and air-conditioners fan.
Pin COM: Common drive reference to connect to the power line neutral
Pin G: Switch Gate input to connect to the digital controller
Pin OUT: Switch Output to connect to the load
ACST4-7S triggering current has to be sunk from the gate pin G. The switch can then be driven directly by
logic level circuits through a resistor as shown on the typical application diagram ( Fig A ).
Thanks to its thermal and turn off commutation performances, the ACST4 switch is able to drive with no
turn off additional snubber an inductive load up to 4 A.
AC LINE SWITCH BASIC APPLICATION
OUT
COM
G
ACST4
ST72 MCU
N
AC
MAINS
L
R
- Vcc
M
LOAD
OUT
L
TYPICAL APPLICATION DIAGRAM (Fig. A)
The ACST4 switch is able to sustain safely the AC line transient voltages either by clamping the low energy
spikes or by breaking over under high energy shocks, even with high turn-on current rises.
The test circuit of the figure 2 is representative of the final ACST application and is also used to stress the
ACST switch according to the IEC 61000-4-5 standard conditions. Thanks to the load, the ACST switch
sustains the voltage spikes up to 2 kV above the peak line voltage. It will break over safely even on resistive
load where the turn on current rate of rise, is as high as shown on figure 3. Such non-repetitive test can be
done 10 times on each AC line voltage polarity.
AC LINE TRANSIENT VOLTAGE RUGGEDNESS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com