Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ACST4
Description  AC POWER SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST4 Datasheet(HTML) 5 Page - STMicroelectronics

  ACST4 Datasheet HTML 1Page - STMicroelectronics ACST4 Datasheet HTML 2Page - STMicroelectronics ACST4 Datasheet HTML 3Page - STMicroelectronics ACST4 Datasheet HTML 4Page - STMicroelectronics ACST4 Datasheet HTML 5Page - STMicroelectronics ACST4 Datasheet HTML 6Page - STMicroelectronics ACST4 Datasheet HTML 7Page - STMicroelectronics ACST4 Datasheet HTML 8Page - STMicroelectronics ACST4 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ACST4 Series
5/9
L
R
VAC +VPP
SURGE VOLTAGE
AC LINE & GENERATOR
RG = 220
Ω
COM
OUT
G
ACST4
Fig. B: Overvoltage ruggedness test circuit for re-
sistive
and
inductive
loads
according
to
IEC61000-4-5 standards.
R = 150
Ω, L = 10µH, VPP = 2kV.
Fig. C: Current and Voltage of the ACST4 dur-
ing IEC61000-4-5 standard test with R,L&VPP .
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I
(A)
T(RMS)
α=180°
P(W)
180°
α
α
Fig. 1: Maximum power dissipation versus RMS
on-state current.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
25
50
75
100
125
Tc(°C)
α=180°
DPAK
TO-220FPAB
I
(A)
T(RMS)
Fig. 2-1:
RMS on-state current versus case
temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com