Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SV7331 Datasheet(PDF) 3 Page - Savitech Corp.

Part # SV7331
Description  8KV ESD Protected, Wide-Supply, High-Bandwidth Dual 4:1 Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVITECH [Savitech Corp.]
Direct Link  https://www.savitech-ic.com/
Logo SAVITECH - Savitech Corp.

SV7331 Datasheet(HTML) 3 Page - Savitech Corp.

  SV7331 Datasheet HTML 1Page - Savitech Corp. SV7331 Datasheet HTML 2Page - Savitech Corp. SV7331 Datasheet HTML 3Page - Savitech Corp. SV7331 Datasheet HTML 4Page - Savitech Corp. SV7331 Datasheet HTML 5Page - Savitech Corp. SV7331 Datasheet HTML 6Page - Savitech Corp. SV7331 Datasheet HTML 7Page - Savitech Corp. SV7331 Datasheet HTML 8Page - Savitech Corp. SV7331 Datasheet HTML 9Page - Savitech Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SV7331
SV73253C
www.savitech-ic.com
3
Block Diagram
Absolute Maximum Ratings
Parameter
Value
Unit
VCC to GND, Supply Voltage,
7
V
Input Voltage
GND - 0.3 to (VCC) +0.3
V
Storage Temperature Range
-65 to +150
°C
Continuous current through VDD or GND
100
mA
ESD Susceptibility: HBM
8000
V
ESD Susceptibility: MM
400
V
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device.
This is a
stress rating only; functional operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Caution
This integrated circuit can be damaged by ESD if you don’t pay attention to ESD protection. SAVITECH recommends
that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small parametric changes could cause the device not to meet its
published specifications.
Switch
YA
S0
YB
IA0
IA1
IA2
IA3
IB0
IB1
IB2
IB3
EA
Switch
Switch
Switch
Switch
Switch
Switch
Switch
EB
S1
IAn
Yn
En
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com