Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SV7331 Datasheet(PDF) 2 Page - Savitech Corp.

Part # SV7331
Description  8KV ESD Protected, Wide-Supply, High-Bandwidth Dual 4:1 Analog Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVITECH [Savitech Corp.]
Direct Link  https://www.savitech-ic.com/
Logo SAVITECH - Savitech Corp.

SV7331 Datasheet(HTML) 2 Page - Savitech Corp.

  SV7331 Datasheet HTML 1Page - Savitech Corp. SV7331 Datasheet HTML 2Page - Savitech Corp. SV7331 Datasheet HTML 3Page - Savitech Corp. SV7331 Datasheet HTML 4Page - Savitech Corp. SV7331 Datasheet HTML 5Page - Savitech Corp. SV7331 Datasheet HTML 6Page - Savitech Corp. SV7331 Datasheet HTML 7Page - Savitech Corp. SV7331 Datasheet HTML 8Page - Savitech Corp. SV7331 Datasheet HTML 9Page - Savitech Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Savitech
SV7331
SV73253C
www.savitech-ic.com
2
SV7331
8KV ESD Protected, Wide Supply, High-Bandwidth,
Dual 4:1 Analog Switch
Ordering Information
Function Table
Features
EA
EB
S1
S2
YA
YB
Function
H
X
X
X
Hi-Z
X
Disable A
X
H
X
X
X
Hi-Z
Disable B
L
L
L
L
I
A0
I
B0
S1-0 = 0
L
L
L
H
I
A1
I
B1
S1-0 = 1
L
L
H
L
I
A2
I
B2
S1-0 = 2
L
L
H
H
I
A3
I
B3
S1-0 = 3
Note:
H = Logic High
L = Logic Low
Pin Description
PIN
DESCRIPTION
I
AN - IBN
Data Inputs
S0,S1
Select Inputs
YA,YB
Data outputs
EA , EB
Enable Inputs
GND
Ground
VCC
Power Supply
Ultra Wide Operation Voltage: +1.65V to +5.5V
Rail to rail analog signal level
Low In-to-Out Ron: 3.5Ω
Robust ESD Protection: 8KV HBM, 400V MM
Super-low quiescent current: 0.1uA (typ)
Loss-less transmission
Almost no propagation delay
Built in undershoot clamping diodes
CMOS/TTL compatible control inputs
PI5V331 pin compatible
Green & Pb-free packages:
QSOP-16, SOP-16 and TSSOP-16
The SV7331 is an ultra-low Ron, low-power, high-
bandwidth, high-speed rail to rail dual 4:1 analog switch.
It is pin compatible with PI5V331 analog switch. With its
built in undershoot clamping diodes on all control inputs
and switch inputs that results in robust and reliable
switching and protection.
Description
SV73253A
QSOP-16/SOP-16/TSSOP-16
Pin Connection
Ordering Code
Operation Range
Package
Packing
SV7331-16QP-TR2
-40°C ~ +85°C
QSOP-16
Tape & Reel, 2500pcs
SV7331-16SP-TR2
-40°C ~ +85°C
SOP-16
Tape & Reel, 2500pcs
SV7331-16TP-TR3
-40°C ~ +85°C
TSSOP-16
Tape & Reel, 3000pcs
3
2
4
5
12
13
11
10
14
9
15
16
IA2
S1
EA
IA3
IA1
IA0
YA
GND
IB3
EB
Vcc
S0
IB2
IB1
IB0
YB
6
7
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com