Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA7013P3A Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA7013P3A
Description  Hall Effect Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7013P3A Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA7013P3A Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7013P3A Datasheet HTML 2Page - Major-Power Technology Co., LTD. MA7013P3A Datasheet HTML 3Page - Major-Power Technology Co., LTD. MA7013P3A Datasheet HTML 4Page - Major-Power Technology Co., LTD. MA7013P3A Datasheet HTML 5Page - Major-Power Technology Co., LTD. MA7013P3A Datasheet HTML 6Page - Major-Power Technology Co., LTD. MA7013P3A Datasheet HTML 7Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
MA7013
Major Power Technology Co., Ltd.
Rev.1.1 Nov.16, 2017
Hall Effect Switch
GENERAL DESCRIPTION
MA7013 is an Hall effect sensor IC. The device includes an on-chip Hall voltage generator
for magnetic sensing, a comparator that amplifies the Hall voltage, and a Schmitt trigger to
provide switching hysteresis for noise rejection, and open-drain output. An internal band-gap
regulator is used to provide temperature compensated supply voltage for internal circuits and
allows a wide operating supply range.
If a magnetic flux density larger than threshold Bop, OUT is turned on(low). The output state is
held until a magnetic flux density reversal falls below Brp causing OUT to be turned off (high)..
FEATURES
-
2.5V to 26V DC operation voltage
-
Temperature compensation
-
Wide operating voltage range
-
Open-Drain pre-driver
-
25mA maximum sinking output current.
-
Low Profile SOT23-3L and SIP-3L(TO-92S) Package( Green and Lead Free )
PIN ASSIGNMENT
The package of MA7013 are SOT23-3L and SIP-3L ; the pin assignment is given by:
VDD
OUT
(Top View)
GND
1
VDD
2
GND
3
OUT
(Top View)
SIP-3L
2
3
1
SOT23-3L
Name
Description
VDD
Supply Voltage
OUT
Output
GND Ground.


Similar Part No. - MA7013P3A

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7010 MPOWER-MA7010 Datasheet
394Kb / 7P
Unipolar Hall Effect Switch
logo
Murata Manufacturing Co...
MA70101BAN MURATA-MA70101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA70101BBN MURATA-MA70101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA70101CAN MURATA-MA70101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA70101CBN MURATA-MA70101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA7013P3A

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52001GUL ROHM-BU52001GUL Datasheet
194Kb / 6P
Hall effect Switch
BU52003GUL ROHM-BU52003GUL Datasheet
189Kb / 6P
Hall effect Switch
BU52004GUL ROHM-BU52004GUL Datasheet
201Kb / 6P
Hall effect Switch
BU52012HFV ROHM-BU52012HFV Datasheet
186Kb / 6P
Hall effect Switch
BU52014HFV ROHM-BU52014HFV Datasheet
197Kb / 6P
Hall effect Switch
BU52021HFV ROHM-BU52021HFV Datasheet
193Kb / 6P
Hall effect Switch
BU52002GUL ROHM-BU52002GUL Datasheet
189Kb / 6P
Hall effect Switch
BU52015GUL ROHM-BU52015GUL Datasheet
192Kb / 5P
Hall effect Switch
logo
Major-Power Technology ...
MA7015 MPOWER-MA7015 Datasheet
167Kb / 2P
Hall Effect Switch
Rev.1.0
MA7016 MPOWER-MA7016 Datasheet
123Kb / 2P
Hall Effect Switch
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com