Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZP103BY Datasheet(PDF) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PZP103BY
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PZP103BY Datasheet(HTML) 1 Page - NIKO SEMICONDUCTOR CO., LTD.

  PZP103BY Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PZP103BY Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PZP103BY Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PZP103BY Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
 
 
 
 
1
E-19-5
N-Channel Logic Level Enhancement Mode
Field Effect Transistor
PZP103BY
SOT-323
Halogen-Free & Lead-Free
NIKO-SEM
REV1.0
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±16
V
Continuous Drain Current
TA = 25 °C
ID
0.3
A
TA = 70 °C
0.2
Pulsed Drain Current
1,2
IDM
3
Power Dissipation
TA = 25 °C
PD
0.4
W
TA = 70 °C
0.3
Operating Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
RJA
290
°C/W
1Pulse width limited by maximum junction temperature.
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNIT
MIN TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250A
30
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250A
0.9
1.2
1.5
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±16V
±30
A
Zero Gate Voltage Drain Current
IDSS
VDS = 16V, VGS = 0V
1
A
VDS = 10V, VGS = 0V, TJ = 70 °C
10
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 4V, ID = 0.1A
0.4
3
Ω
VGS = 2.5V, ID = 0.01A
1
6
Forward Transconductance
1
gfs
VDS = 5V, ID = 0.1A
1
S
1. GATE
2. DRAIN
3. SOURCE
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
30
3Ω
0.3A


Similar Part No. - PZP103BY

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PZP003BYB NIKOSEM-PZP003BYB Datasheet
503Kb / 8P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - PZP103BY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BSS100 FAIRCHILD-BSS100 Datasheet
284Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FDD603AL FAIRCHILD-FDD603AL Datasheet
237Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P7502CMG ETC2-P7502CMG Datasheet
284Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P1402CDG ETC2-P1402CDG Datasheet
265Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LSG ETC2-P75N02LSG Datasheet
112Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P5506BVG ETC2-P5506BVG Datasheet
292Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3057LCG ETC2-P3057LCG Datasheet
206Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB6030L KEXIN-KDB6030L Datasheet
58Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com