Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZP103BY Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # PZP103BY
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PZP103BY Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  PZP103BY Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PZP103BY Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PZP103BY Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PZP103BY Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
 
 
 
 
 
2
E-19-5
N-Channel Logic Level Enhancement Mode
Field Effect Transistor
PZP103BY
SOT-323
Halogen-Free & Lead-Free
NIKO-SEM
REV1.0
DYNAMIC
Input Capacitance
Ciss(VDS=15V)
VGS = 0V, f = 1MHz
36
pF
Ciss(VDS=5V)
38
Output Capacitance
Coss
VGS = 0V, VDS = 15V, f = 1MHz
14
Reverse Transfer Capacitance
Crss
8.5
Turn-On Delay Time
2
td(on)
21
nS
Rise Time
2
tr
VDS =15V,
45
Turn-Off Delay Time
2
td(off)
ID 0.1A, VGS = 4V, RGS = 6Ω
86
Fall Time
2
tf
88
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
IS
0.3
A
Forward Voltage
1
VSD
IF = 0.1A, VGS = 0V
1.3
V
1Pulse test : Pulse Width  300 sec, Duty Cycle  2%.
2Independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com