Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7541 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM7541
Description  Single Rail CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7541 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM7541 Datasheet HTML 8Page - OKI electronic componets MSM7541 Datasheet HTML 9Page - OKI electronic componets MSM7541 Datasheet HTML 10Page - OKI electronic componets MSM7541 Datasheet HTML 11Page - OKI electronic componets MSM7541 Datasheet HTML 12Page - OKI electronic componets MSM7541 Datasheet HTML 13Page - OKI electronic componets MSM7541 Datasheet HTML 14Page - OKI electronic componets MSM7541 Datasheet HTML 15Page - OKI electronic componets MSM7541 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
¡ Semiconductor
MSM7541/7542
12/20
AC Characteristics
Condition
(VDD = 3.0 V to 3.8 V, Ta = –30°C to +85°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Transmit Frequency Response
Loss T1
Level
(dBm0)
60
20
26
—
dB
Freq.
(Hz)
Loss T2
300
–0.15
+0.1
+0.20
dB
Loss T3
1020
Reference
dB
0
Loss T4
2020
–0.15
—
+0.20
dB
Loss T5
3000
–0.15
—
+0.20
dB
Loss T6
3400
0
—
0.80
dB
Receive Frequency Response
Loss R1
300
–0.15
—
+0.20
dB
Loss R2
1020
Reference
dB
Loss R3
2020
–0.15
—
+0.20
dB
0
Loss R4
3000
–0.15
—
+0.20
dB
Loss R5
3400
0.0
—
0.80
dB
SD T1
35
43
—
3
SD T2
35
42
—
0
SD T3
35
39
—
–30
Transmit Signal to Distortion Ratio
1020
dB
SD T4
28
30.5
—
–40
*1
SD T5
23
25
—
–45
SD R1
36
43
—
3
SD R2
36
41
—
0
SD R3
36
41
—
–30
Receive Signal to Distortion Ratio
1020
dB
SD R4
30
33
—
–40
*1
SD R5
24
27
—
–45
Transmit Gain Tracking
GT T1
–0.2
0
+0.2
GT T2
Reference
GT T3
1020
–0.2
–0.02
+0.2
dB
–40
GT T4
–0.5
+0.2
+0.5
GT T5
–1.2
+0.4
+1.2
3
–10
–50
–55
Receive Gain Tracking
GT R1
–0.2
0
+0.2
GT R2
Reference
GT R3
1020
–0.2
–0.06
+0.2
dB
GT R4
–1.0
–0.10
+1.0
GT R5
–1.5
–0.20
+1.5
–40
3
–10
–50
–55
*1 Psophometric filter is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com