Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7541 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM7541
Description  Single Rail CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7541 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM7541 Datasheet HTML 9Page - OKI electronic componets MSM7541 Datasheet HTML 10Page - OKI electronic componets MSM7541 Datasheet HTML 11Page - OKI electronic componets MSM7541 Datasheet HTML 12Page - OKI electronic componets MSM7541 Datasheet HTML 13Page - OKI electronic componets MSM7541 Datasheet HTML 14Page - OKI electronic componets MSM7541 Datasheet HTML 15Page - OKI electronic componets MSM7541 Datasheet HTML 16Page - OKI electronic componets MSM7541 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
¡ Semiconductor
MSM7541/7542
13/20
AC Characteristics (Continued)
Absolute Level (Initial Difference)
Nidle T
—
—
–70
–68
dBmOp
Nidle R
—
–76
AV T
0.338
0.35
0.362
AV R
0.483
0.50
0.518
Vrms
1020
Absolute Delay
AV Tt
–0.2
—
+0.2
0
AV Rt
–0.2
—
+0.2
Td
1020
—
—
0.60
ms
0
A to A
BCLOCK
= 64 kHz
Transmit Group Delay
tgd T1
—
0.19
0.75
tgd T2
—
0.11
0.35
tgd T3
—
0.02
0.125
0
tgd T4
—
0.05
0.125
ms
*4
0.07
tgd T5
—
0.75
Receive Group Delay
—
0.00
0.75
0.00
—
0.00
0.125
ms
0
—
0.09
0.125
—
0.12
0.75
—
–74
Idle Channel Noise
—
—
AIN = SG
*1 *2
*1
dB
dB
VDD = 3.3 V
Ta = 25°C
VDD = +3 to
3.8 V
Ta = –30
to +85°C
Absolute Level
(Deviation of Temperature and Power)
*3
500
600
1000
2600
2800
Crosstalk Attenuation
CR T
7585—
CR R
70
1020
dB
0
TRANS Æ RECV
RECV Æ TRANS
tgd R1
tgd R2
tgd R3
tgd R4
tgd R5
500
600
1000
2600
2800
*4
65
—
—
0.35
Condition
(VDD = 3.0 V to 3.8 V, Ta = –30°C to +85°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Level
(dBm0)
Freq.
(Hz)
*3
*1 Psophometric filter is used
*2 Input "0" code to PCMIN
*3 AVR is defined at VFRO output
*4 Minimum value of the group delay distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com