Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R3DN Datasheet(PDF) 22 Page - Nuvoton Technology Corporation

Part # N32905R3DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R3DN Datasheet(HTML) 22 Page - Nuvoton Technology Corporation

Back Button N32905R3DN Datasheet HTML 18Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 19Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 20Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 21Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 22Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 26Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
N3291xUxDN Data Sheet
- 22 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
PIN NAME
I/O
TYPE
DESCRIPTION
GPIO A
GPA[0]
IOU
GPIO Port A Bit 0
S2PCLK
CMOS Image Sensor PCLK
GPA[1]
IOU
GPIO Port A Bit 1
S2CLKO
CMOS Image Sensor MCLK
SD_CD_
SD Card Detect, Input, Low Active
GPA[3]
IOU
GPIO Port A Bit 3
KPI_SI[0]
KPI Scan In Bit 0
GPA[4]
IOU
GPIO Port A Bit 4
SPI0_CS1_
SPI Port 0 Chip Select 1
KPI_SI[1]
KPI Scan Out Bit 2
GPA[5]
IOU
GPIO Port A Bit 5
UHL_DP0
USB Host 1.1 Lite Port 0, D+
KPI_SI[2]
KPI Scan In Bit 2
GPA[6]
IOU
GPIO Port A Bit 6
UHL_DM0
USB Host 1.1 Lite Port 0, D-
KPI_SI[3]
KPI Scan In Bit 3
RTC (Real Time Clock)
RTC_XIN (32768Hz)
I
32768Hz Crystal Input
RTC_XOUT (32768Hz)
O
32768Hz Crystal Output
RTC_RWAKE_
I
Wakeup Enable, Input, Low Active
RTC_RPWR
OD
Power Enable, Open-Drain
USB 2.0 Device Interface
UD_CDET
I
USB Device Connect Detect, Input, High Active
UD_DP
IO
USB 2.0 Device D+
UD_DM
IO
USB 2.0 Device D-
UD_REXT
IO
External Resistor Connect
Recommend to connect 12.1K
Ω resistor to ground for USB 2.0 PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com