Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N32905R3DN Datasheet(PDF) 27 Page - Nuvoton Technology Corporation

Part # N32905R3DN
Description  ARM926EJ-S Based Media Processor with Video Decode Accelerator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N32905R3DN Datasheet(HTML) 27 Page - Nuvoton Technology Corporation

Back Button N32905R3DN Datasheet HTML 23Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 24Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 25Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 26Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 27Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 28Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 29Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 30Page - Nuvoton Technology Corporation N32905R3DN Datasheet HTML 31Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
N3291xUxDN Data Sheet
- 27 -
Nuvoton Technology Corp.
Release Date: Jun. 2013
http://www.nuvoton.com/
Revision A3
5. ELECTRICAL SPECIFICATION
5.1 Absolute Maximum Rating
PARAMETERS
VALUES
Ambient Temperature
-20 °C ~ 85 °C
Storage Temperature
-40 °C ~ 125 °C
Voltage On Any Pin
-0.3V ~ 3.6V
Power Supply Voltage (Core Logic)
-0.5V ~ 1.8V
Power Supply Voltage (I/O Buffer)
-0.5V ~ 4.6V
Injection Current (Latch-Up Testing)
100mA
Crystal Frequency
2MHz ~ 27MHz
5.2 DC Characteristics (Normal I/O)
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
VDD33
I/O Buffer Post-Driver
Voltage
3.0
3.3
3.6
V
VDD12
Core
Logic
and
I/O
Buffer
Pre-
Driver
Voltage
300MHz
1.08
1.2
1.32
V
MVDD18
DRAM Power Voltage
1.7
1.8
1.9
V
RTC_VDD
RTC Power Supply
2.0
-
3.6
V
IRTC_VDD
RTC Supply Current
-
4
-
uA
VIH
Input High Voltage
2.0
-
VDD33+0.3
V
VIL
Input Low Voltage
-0.3
-
0.8
V
VT+
Schmitt Trigger Low to
High Threshold Point
1.5
1.7
1.9
V
VT-
Schmitt Trigger High to
Low Threshold Point
0.9
1.1
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com